Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 197 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 197 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 193Page - Motorola, Inc MPXM2202AS Datasheet HTML 194Page - Motorola, Inc MPXM2202AS Datasheet HTML 195Page - Motorola, Inc MPXM2202AS Datasheet HTML 196Page - Motorola, Inc MPXM2202AS Datasheet HTML 197Page - Motorola, Inc MPXM2202AS Datasheet HTML 198Page - Motorola, Inc MPXM2202AS Datasheet HTML 199Page - Motorola, Inc MPXM2202AS Datasheet HTML 200Page - Motorola, Inc MPXM2202AS Datasheet HTML 201Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 670 page
background image
3–51
Motorola Sensor Device Data
www.motorola.com/semiconductors
High Volume Pressure Sensor
For Disposable Applications
Motorola has developed a low cost, high volume, miniature pressure sensor package
which is ideal as a sub–module component or a disposable unit. The unique concept of
the Chip Pak allows great flexibility in system design while allowing an economic solution
for the designer. This new chip carrier package uses Motorola’s unique sensor die with
its piezoresistive technology, along with the added feature of on–chip, thin–film
temperature compensation and calibration.
NOTE: Motorola is also offering the Chip Pak package in application–specific
configurations, which will have an “SPX” prefix, followed by a four–digit number, unique
to the specific customer.
Features
• Low Cost
• Integrated Temperature Compensation and Calibration
• Ratiometric to Supply Voltage
• Polysulfone Case Material (Medical, Class V Approved)
• Provided in Easy–to–Use Tape and Reel
Application Examples
• Medical Diagnostics
• Infusion Pumps
• Blood Pressure Monitors
• Pressure Catheter Applications
• Patient Monitoring
NOTE: The die and wire bonds are exposed on the front side of the Chip Pak
(pressure is applied to the backside of the device). Front side die and wire protection
must be provided in the customer’s housing. Use caution when handling the devices
during all processes.
Motorola’s MPX2300DT1/MPX2301DT1 Pressure Sen-
sors have been designed for medical usage by combining
the performance of Motorola’s shear stress pressure sensor
design and the use of biomedically approved materials.
Materials with a proven history in medical situations have
been chosen to provide a sensor that can be used with
confidence in applications, such as invasive blood pressure
monitoring. It can be sterilized using ethylene oxide. The
portions of the pressure sensor that are required to be
biomedically approved are the rigid housing and the gel
coating.
The rigid housing is molded from a white, medical grade
polysulfone that has passed extensive biological testing
including: tissue culture test, rabbit implant, hemolysis,
intracutaneous test in rabbits, and system toxicity, USP.
A silicone dielectric gel covers the silicon piezoresistive
sensing element. The gel is a nontoxic, nonallergenic elasto-
mer system which meets all USP XX Biological Testing Class
V requirements. The properties of the gel allow it to transmit
pressure uniformly to the diaphragm surface, while isolating
the internal electrical connections from the corrosive effects
of fluids, such as saline solution. The gel provides electrical
isolation sufficient to withstand defibrillation testing, as speci-
fied in the proposed Association for the Advancement of
Medical Instrumentation (AAMI) Standard for blood pressure
transducers. A biomedically approved opaque filler in the gel
prevents bright operating room lights from affecting the per-
formance of the sensor. The MPX2301DT1 is a reduced gel
option.
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPX2300DT1
MPX2301DT1
PRESSURE SENSORS
0 to 300 mmHg (0 to 40 kPa)
PIN NUMBER
MPX2300/1DT1
CASE 423A
1
2
VS
S+
3
4
S–
Gnd
Motorola Preferred Device
CHIP PAK PACKAGE
REV 5
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com