Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 201 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 201 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 197Page - Motorola, Inc MPXM2202AS Datasheet HTML 198Page - Motorola, Inc MPXM2202AS Datasheet HTML 199Page - Motorola, Inc MPXM2202AS Datasheet HTML 200Page - Motorola, Inc MPXM2202AS Datasheet HTML 201Page - Motorola, Inc MPXM2202AS Datasheet HTML 202Page - Motorola, Inc MPXM2202AS Datasheet HTML 203Page - Motorola, Inc MPXM2202AS Datasheet HTML 204Page - Motorola, Inc MPXM2202AS Datasheet HTML 205Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 670 page
background image
MPX4080D
3–55
Motorola Sensor Device Data
www.motorola.com/semiconductors
MAXIMUM RATINGS(NOTE)
Parametrics
Symbol
Value
Unit
Maximum Pressure
(P1 > P2)
(P2 > P1)
Pmax
400
400
kPa
Storage Temperature
Tstg
–40
° to +125°
°C
NOTE: Exposure beyond the specified limits may cause permanent damage or degradation to the device.
OPERATING CHARACTERISTICS (VS = 5.1 Vdc, TA = 25°C unless otherwise noted, P1 > P2. Decoupling circuit shown in Figure 4
required to meet electrical specifications.)
Characteristic
Symbol
Min
Typ
Max
Unit
Pressure Range(1)
POP
0
—
80
kPa
Supply Voltage(2)
VS
4.85
5.1
5.35
Vdc
Supply Current
Io
—
7.0
10
mAdc
Minimum Pressure Offset(3)
(0 to 85
°C)
@ VS = 5.1 Volts
Voff
0.478
0.575
0.672
Vdc
Full Scale Output(4)
(0 to 85
°C)
@ VS = 5.1 Volts
VFSO
4.772
4.900
5.020
Vdc
Full Scale Span(5)
(0 to 85
°C)
@ VS = 5.1 Volts
VFSS
—
4.325
—
Vdc
Accuracy(6)
—
—
—
"3.0
%VFSS
Sensitivity
V/P
—
54
—
mV/kPa
NOTES:
1. 1.0kPa (kiloPascal) equals 0.145 psi.
2. Device is ratiometric within this specified excitation range.
3. Offset (Voff) is defined as the output voltage at the minimum rated pressure.
4. Full Scale Output (VFSO) is defined as the output voltage at the maximum or full rated pressure.
5. Full Scale Span (VFSS) is defined as the algebraic difference between the output voltage at full rated pressure and the output voltage at the
minimum rated pressure.
6. Accuracy (error budget) consists of the following:
• Linearity:
Output deviation from a straight line relationship with pressure over the specified pressure range.
• Temperature Hysteresis: Output deviation at any temperature within the operating temperature range, after the temperature is
cycled to and from the minimum or maximum operating temperature points, with zero differential pressure
applied.
• Pressure Hysteresis:
Output deviation at any pressure within the specified range, when this pressure is cycled to and from
minimum or maximum rated pressure at 25
°C.
• TcSpan:
Output deviation over the temperature range of 0
° to 85°C, relative to 25°C.
• TcOffset:
Output deviation with minimum pressure applied, over the temperature range of 0
° to 85°C, relative
to 25
°C.
• Variation from Nominal: The variation from nominal values, for Offset or Full Scale Span, as a percent of VFSS at 25°C.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com