Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 195 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 195 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 191Page - Motorola, Inc MPXM2202AS Datasheet HTML 192Page - Motorola, Inc MPXM2202AS Datasheet HTML 193Page - Motorola, Inc MPXM2202AS Datasheet HTML 194Page - Motorola, Inc MPXM2202AS Datasheet HTML 195Page - Motorola, Inc MPXM2202AS Datasheet HTML 196Page - Motorola, Inc MPXM2202AS Datasheet HTML 197Page - Motorola, Inc MPXM2202AS Datasheet HTML 198Page - Motorola, Inc MPXM2202AS Datasheet HTML 199Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 670 page
background image
MPX2202 MPXV2202G SERIES
3–49
Motorola Sensor Device Data
www.motorola.com/semiconductors
LINEARITY
Linearity refers to how well a transducer’s output follows
the equation: Vout = Voff + sensitivity x P over the operating
pressure range. There are two basic methods for calculating
nonlinearity: (1) end point straight line fit (see Figure 2) or (2)
a least squares best line fit. While a least squares fit gives
the “best case” linearity error (lower numerical value), the
calculations required are burdensome.
Conversely, an end point fit will give the “worst case” error
(often more desirable in error budget calculations) and the
calculations are more straightforward for the user. Motorola’s
specified pressure sensor linearities are based on the end
point straight line method measured at the midrange
pressure.
Figure 2. Linearity Specification Comparison
LEAST
SQUARE
DEVIATION
PRESSURE (% FULLSCALE)
0
50
100
END POINT
STRAIGHT LINE FIT
EXAGGERATED
PERFORMANCE
CURVE
LEAST SQUARES FIT
STRAIGHT LINE
DEVIATION
OFFSET
ON–CHIP TEMPERATURE COMPENSATION and CALIBRATION
Figure 3 shows the output characteristics of the
MPX2202/MPXV2202G series at 25
°C. The output is directly
proportional to the differential pressure and is essentially a
straight line.
The effects of temperature on Full Scale Span and Offset
are very small and are shown under Operating Characteristics.
Figure 3. Output versus Pressure Differential
Figure 4. Cross–Sectional Diagrams (Not to Scale)
40
35
30
25
20
15
10
5
0
–5
050
7.25
100
14.5
150
21.75
200
29
PRESSURE
SPAN
RANGE
(TYP)
OFFSET
kPa
PSI
VS = 10 Vdc
TA = 25°C
P1 > P2
25
75
125
175
MAX
TYP
MIN
SILICONE GEL
DIE COAT
WIRE BOND
LEAD FRAME
DIFFERENTIAL/GAUGE
DIE
STAINLESS STEEL
METAL COVER
EPOXY
CASE
DIFFERENTIAL/GAUGE ELEMENT
DIE
BOND
SILICONE GEL
DIE COAT
WIRE BOND
LEAD FRAME
ABSOLUTE
DIE
STAINLESS STEEL
METAL COVER
EPOXY
CASE
DIE
BOND
ABSOLUTE ELEMENT
P1
P2
P1
P2
Figure 4 illustrates an absolute sensing die (right) and the
differential or gauge die in the basic chip carrier (Case 344).
A silicone gel isolates the die surface and wire bonds from
the environment, while allowing the pressure signal to be
transmitted to the silicon diaphragm.
The MPX2202/MPXV2202G series pressure sensor oper-
ating characteristics and internal reliability and qualification
tests are based on use of dry air as the pressure media. Me-
dia other than dry air may have adverse effects on sensor
performance and long term reliability. Contact the factory for
information regarding media compatibility in your application.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com