Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 210 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 210 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 206Page - Motorola, Inc MPXM2202AS Datasheet HTML 207Page - Motorola, Inc MPXM2202AS Datasheet HTML 208Page - Motorola, Inc MPXM2202AS Datasheet HTML 209Page - Motorola, Inc MPXM2202AS Datasheet HTML 210Page - Motorola, Inc MPXM2202AS Datasheet HTML 211Page - Motorola, Inc MPXM2202AS Datasheet HTML 212Page - Motorola, Inc MPXM2202AS Datasheet HTML 213Page - Motorola, Inc MPXM2202AS Datasheet HTML 214Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 670 page
background image
3–64
Motorola Sensor Device Data
www.motorola.com/semiconductors
Integrated Silicon Pressure Sensor
for Manifold Absolute Pressure
Applications
On-ChipSignal Conditioned,
Temperature Compensated
and Calibrated
The Motorola MPX4100A/MPXA4100A series Manifold Absolute Pressure (MAP)
sensor for engine control is designed to sense absolute air pressure within the intake
manifold. This measurement can be used to compute the amount of fuel required for each
cylinder. The small form factor and high reliability of on–chip integration makes the
Motorola MAP sensor a logical and economical choice for automotive system designers.
The MPX4100A/MPXA4100A series piezoresistive transducer is a state–of–the–art,
monolithic, signal conditioned, silicon pressure sensor. This sensor combines advanced
micromachining techniques, thin film metallization, and bipolar semiconductor processing
to provide an accurate, high level analog output signal that is proportional to applied
pressure.
Figure 1 shows a block diagram of the internal circuitry integrated on a pressure
sensor chip.
Features
• 1.8% Maximum Error Over 0° to 85°C
• Specifically Designed for Intake Manifold Absolute
Pressure Sensing in Engine Control Systems
• Temperature Compensated Over –40°C to +125°C
• Durable Epoxy Unibody Element or Thermoplastic
(PPS) Surface Mount Package
Application Examples
• Manifold Sensing for Automotive Systems
• Ideally suited for Microprocessor or Microcontroller–
Based Systems
• Also Ideal for Non–Automotive Applications
VS
SENSING
ELEMENT
Vout
GND
THIN FILM
TEMPERATURE
COMPENSATION
AND
GAIN STAGE #1
GAIN STAGE #2
AND
GROUND
REFERENCE
SHIFT CIRCUITRY
PINS 1, 5, 6, 7 AND 8 ARE NO CONNECTS
FOR SMALL OUTLINE PACKAGE DEVICE
PINS 4, 5 AND 6 ARE NO CONNECTS FOR
UNIBODY DEVICE
Figure 1. Fully Integrated Pressure Sensor
Schematic
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
INTEGRATED
PRESSURE SENSOR
15 to 115 kPa (2.2 to 16.7 psi)
0.2 to 4.8 Volts Output
PIN NUMBER
NOTE: Pins 4, 5, and 6 are internal
device connections. Do not connect
to external circuitry or ground. Pin 1
is noted by the notch in the lead.
MPX4100A
CASE 867
MPX4100AP
CASE 867B
1
2
3
Vout
Gnd
VS
4
5
6
N/C
N/C
N/C
UNIBODY PACKAGE
PIN NUMBER
NOTE: Pins 1, 5, 6, 7, and 8 are
internal device connections. Do not
connect to external circuitry or
ground. Pin 1 is noted by the notch in
the lead.
1
2
3
N/C
VS
Gnd
5
6
7
N/C
N/C
N/C
MPXA4100A6U
CASE 482
MPXA4100AC6U
CASE 482A
4Vout
8
N/C
SMALL OUTLINE PACKAGE
MPX4100AS
CASE 867E
MPX4100A
MPXA4100A
SERIES
REV 5
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com