Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 212 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 212 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 208Page - Motorola, Inc MPXM2202AS Datasheet HTML 209Page - Motorola, Inc MPXM2202AS Datasheet HTML 210Page - Motorola, Inc MPXM2202AS Datasheet HTML 211Page - Motorola, Inc MPXM2202AS Datasheet HTML 212Page - Motorola, Inc MPXM2202AS Datasheet HTML 213Page - Motorola, Inc MPXM2202AS Datasheet HTML 214Page - Motorola, Inc MPXM2202AS Datasheet HTML 215Page - Motorola, Inc MPXM2202AS Datasheet HTML 216Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 670 page
background image
MPX4100A MPXA4100A SERIES
3–66
Motorola Sensor Device Data
www.motorola.com/semiconductors
Figure 2. Cross Sectional Diagram SOP
(not to scale)
Figure 3. Recommended power supply decoupling
and output filtering.
For additional output filtering, please refer to
Application Note AN1646.
1.0
mF
IPS
470 pF
OUTPUT
Vs
+5 V
0.01
mF
GND
Vout
WIRE BOND
STAINLESS
STEEL CAP
THERMOPLASTIC
CASE
DIE BOND
SEALED VACUUM REFERENCE
DIE
P1
FLUORO SILICONE
GEL DIE COAT
LEAD
FRAME
ABSOLUTE ELEMENT
Figure 2 illustrates the absolute sensing chip in the basic
chip carrier (Case 482).
Figure 3 shows the recommended decoupling circuit for
interfacing the output of the integrated sensor to the A/D in-
put of a microprocessor or microcontroller. Proper decoup-
ling of the power supply is recommended.
5.0
4.5
4.0
3.5
3.0
Pressure (ref: to sealed vacuum) in kPa
TYP
MAX
MIN
2.5
2.0
1.5
1.0
0.5
0
TEMP = 0 to 85
°C
20 kPa TO 105 kPa
MPX4100A
TRANSFER FUNCTION:
Vout = Vs* (.01059*P–.152) ± Error
VS = 5.1 Vdc
Figure 4. Output versus Absolute Pressure
Figure 4 shows the sensor output signal relative to pres-
sure input. Typical, minimum, and maximum output curves
are shown for operation over a temperature range of 0
° to
85
°C. The output will saturate outside of the specified pres-
sure range.
A fluorosilicone gel isolates the die surface and wire
bonds from the environment, while allowing the pressure
signal to be transmitted to the sensor diaphragm.
The
MPX4100A/MPXA4100A series pressure sensor operat-
ing characteristics, and internal reliability and qualification
tests are based on use of dry air as the pressure media.
Media, other than dry air, may have adverse effects on
sensor performance and long–term reliability. Contact the
factory for information regarding media compatibility in
your application.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com