Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 230 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 230 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 226Page - Motorola, Inc MPXM2202AS Datasheet HTML 227Page - Motorola, Inc MPXM2202AS Datasheet HTML 228Page - Motorola, Inc MPXM2202AS Datasheet HTML 229Page - Motorola, Inc MPXM2202AS Datasheet HTML 230Page - Motorola, Inc MPXM2202AS Datasheet HTML 231Page - Motorola, Inc MPXM2202AS Datasheet HTML 232Page - Motorola, Inc MPXM2202AS Datasheet HTML 233Page - Motorola, Inc MPXM2202AS Datasheet HTML 234Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 670 page
background image
3–84
Motorola Sensor Device Data
www.motorola.com/semiconductors
Integrated Silicon Pressure Sensor
for Manifold Absolute Pressure
Applications
On-ChipSignal Conditioned,
Temperature Compensated
and Calibrated
The Motorola MPX4200A series Manifold Absolute Pressure (MAP) sensor for turbo
boost engine control is designed to sense absolute air pressure within the intake
manifold. This measurement can be used to compute the amount of fuel required for
each cylinder.
The MPX4200A series sensor integrates on–chip, bipolar op amp circuitry and thin film
resistor networks to provide a high level analog output signal and temperature
compensation. The small form factor and reliability of on–chip integration make the
Motorola MAP sensor a logical and economical choice for automotive system designers.
Features
• Specifically Designed for Intake Manifold Absolute Pressure Sensing in Engine
Control Systems
• Patented Silicon Shear Stress Strain Gauge
• Temperature Compensated Over –40° to +125°C
• Offers Reduction in Weight and Volume Compared to Existing Hybrid Modules
• Durable Epoxy Unibody Element
Application Examples
• Manifold Sensing for Automotive Systems
• Ideally suited for Microprocessor or Microcontroller–Based Systems
• Also ideal for Non–Automotive Applications
PINS 4, 5 AND 6 ARE NO CONNECTS
Figure 1. Fully Integrated Pressure Sensor Schematic
VS
SENSING
ELEMENT
Vout
GND
THIN FILM
TEMPERATURE
COMPENSATION
AND
GAIN STAGE #1
GAIN STAGE #2
AND
GROUND
REFERENCE
SHIFT CIRCUITRY
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPX4200A
SERIES
INTEGRATED
PRESSURE SENSOR
20 to 200 kPa (2.9 to 29 psi)
0.3 to 4.9 V OUTPUT
PIN NUMBER
NOTE: Pins 4, 5, and 6 are internal
device connections. Do not connect
to external circuitry or ground. Pin 1
is noted by the notch in the lead.
MPX4200A
CASE 867
1
2
3
Vout
Gnd
VS
4
5
6
N/C
N/C
N/C
Rev 1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com