Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 226 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 226 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 222Page - Motorola, Inc MPXM2202AS Datasheet HTML 223Page - Motorola, Inc MPXM2202AS Datasheet HTML 224Page - Motorola, Inc MPXM2202AS Datasheet HTML 225Page - Motorola, Inc MPXM2202AS Datasheet HTML 226Page - Motorola, Inc MPXM2202AS Datasheet HTML 227Page - Motorola, Inc MPXM2202AS Datasheet HTML 228Page - Motorola, Inc MPXM2202AS Datasheet HTML 229Page - Motorola, Inc MPXM2202AS Datasheet HTML 230Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 670 page
background image
MPX4115A MPXA4115A SERIES
3–80
Motorola Sensor Device Data
www.motorola.com/semiconductors
MAXIMUM RATINGS(NOTE)
Parametrics
Symbol
Value
Units
Maximum Pressure (P1
u P2)
Pmax
400
kPa
Storage Temperature
Tstg
–40
° to +125°
°C
Operating Temperature
TA
–40
° to +125°
°C
NOTE: Exposure beyond the specified limits may cause permanent damage or degradation to the device.
OPERATING CHARACTERISTICS (VS = 5.1 Vdc, TA = 25°C unless otherwise noted, P1 u P2. Decoupling circuit shown in Figure 3
required to meet Electrical Specifications.)
Characteristic
Symbol
Min
Typ
Max
Unit
Pressure Range
POP
15
—
115
kPa
Supply Voltage(1)
VS
4.85
5.1
5.35
Vdc
Supply Current
Io
—
7.0
10
mAdc
Minimum Pressure Offset(2)
(0 to 85
°C)
@ VS = 5.1 Volts
Voff
0.135
0.204
0.273
Vdc
Full Scale Output(3)
(0 to 85
°C)
@ VS = 5.1 Volts
VFSO
4.725
4.794
4.863
Vdc
Full Scale Span(4)
(0 to 85
°C)
@ VS = 5.1 Volts
VFSS
4.521
4.590
4.659
Vdc
Accuracy(5)
(0 to 85
°C)
—
—
—
±1.5
%VFSS
Sensitivity
V/P
—
45.9
—
mV/kPa
Response Time(6)
tR
—
1.0
—
ms
Output Source Current at Full Scale Output
Io+
—
0.1
—
mAdc
Warm–Up Time(7)
—
—
20
—
ms
Offset Stability(8)
—
—
±0.5
—
%VFSS
NOTES:
1. Device is ratiometric within this specified excitation range.
2. Offset (Voff) is defined as the output voltage at the minimum rated pressure.
3. Full Scale Output (VFSO) is defined as the output voltage at the maximum or full rated pressure.
4. Full Scale Span (VFSS) is defined as the algebraic difference between the output voltage at full rated pressure and the output voltage at the
minimum rated pressure.
5. Accuracy is the deviation in actual output from nominal output over the entire pressure range and temperature range as a percent of span
at 25
°C due to all sources of error including the following:
• Linearity:
Output deviation from a straight line relationship with pressure over the specified pressure range.
• Temperature Hysteresis: Output deviation at any temperature within the operating temperature range, after the temperature is
cycled to and from the minimum or maximum operating temperature points, with zero differential
pressure applied.
• Pressure Hysteresis:
Output deviation at any pressure within the specified range, when this pressure is cycled to and from
minimum or maximum rated pressure at 25
°C.
• TcSpan:
Output deviation over the temperature range of 0
° to 85°C, relative to 25°C.
• TcOffset:
Output deviation with minimum pressure applied, over the temperature range of 0
° to 85°C, relative
to 25
°C.
6. Response Time is defined as the time for the incremental change in the output to go from 10% to 90% of its final value when subjected to
a specified step change in pressure.
7. Warm–up Time is defined as the time required for the product to meet the specified output voltage after the pressure has been stabilized.
8. Offset Stability is the product’s output deviation when subjected to 1000 cycles of Pulsed Pressure, Temperature Cycling with Bias Test.
MECHANICAL CHARACTERISTICS
Characteristics
Typ
Unit
Weight, Basic Element (Case 867)
4.0
grams
Weight, Small Outline Package (Case 482)
1.5
grams
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com