Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 223 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 223 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 219Page - Motorola, Inc MPXM2202AS Datasheet HTML 220Page - Motorola, Inc MPXM2202AS Datasheet HTML 221Page - Motorola, Inc MPXM2202AS Datasheet HTML 222Page - Motorola, Inc MPXM2202AS Datasheet HTML 223Page - Motorola, Inc MPXM2202AS Datasheet HTML 224Page - Motorola, Inc MPXM2202AS Datasheet HTML 225Page - Motorola, Inc MPXM2202AS Datasheet HTML 226Page - Motorola, Inc MPXM2202AS Datasheet HTML 227Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 670 page
background image
MPX4105A SERIES
3–77
Motorola Sensor Device Data
www.motorola.com/semiconductors
Figure 2. Cross–Sectional Diagram
(not to scale)
FLUORO SILICONE
GEL DIE COAT
WIRE BOND
LEAD
FRAME
STAINLESS
STEEL CAP
EPOXY
PLASTIC
CASE
DIE
BOND
ABSOLUTE ELEMENT
SEALED VACUUM REFERENCE
DIE
P1
P2
Figure 3. Recommended power supply decoupling
and output filtering.
For additional output filtering, please refer to
Application Note AN1646.
1.0
mF
IPS
470 pF
OUTPUT
Vs
+5 V
0.01
mF
GND
Vout
Figure 2 illustrates an absolute sensing chip in the basic
chip carrier (Case 867).
A fluorosilicone gel isolates the die surface and wire
bonds from the environment, while allowing the pressure
signal to be transmitted to the sensor diaphragm. The
MPX4105A series pressure sensor operating characteristics,
internal reliability and qualification tests are based on use of
dry air as the pressure media. Media other than dry air may
have adverse effects on sensor performance and long–term
reliability. Contact the factory for information regarding me-
dia compatibility in your application.
Figure 3 shows the recommended decoupling circuit for in-
terfacing the output of the integrated sensor to the A/D input
of a microprocessor or microcontroller. Proper decoupling of
the power supply is recommended.
5.0
4.5
4.0
3.5
3.0
Pressure (ref: to sealed vacuum) in kPa
MAX
MIN
2.5
2.0
1.5
1.0
0.5
0
Figure 4. Output versus Absolute Pressure
TEMP = 0 to 85
°C
15 kPA TO 105 kPA
MPX4105A
TRANSFER FUNCTION:
Vout = Vs* (0.01*P–0.09) ± Error
VS = 5.1 Vdc
TYP
Figure 4 shows the sensor output signal relative to pres-
sure input. Typical minimum and maximum output curves
are shown for operation over a temperature range of 0
° to
85
°C. The output will saturate outside of the specified
pressure range.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com