Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 219 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 219 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 215Page - Motorola, Inc MPXM2202AS Datasheet HTML 216Page - Motorola, Inc MPXM2202AS Datasheet HTML 217Page - Motorola, Inc MPXM2202AS Datasheet HTML 218Page - Motorola, Inc MPXM2202AS Datasheet HTML 219Page - Motorola, Inc MPXM2202AS Datasheet HTML 220Page - Motorola, Inc MPXM2202AS Datasheet HTML 221Page - Motorola, Inc MPXM2202AS Datasheet HTML 222Page - Motorola, Inc MPXM2202AS Datasheet HTML 223Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 670 page
background image
MPX4101A MPXA4101A MPXH6101A SERIES
3–73
Motorola Sensor Device Data
www.motorola.com/semiconductors
Nominal Transfer Value: Vout = VS (P x 0.01059 – 0.10941)
+/– (Pressure Error x Temp. Factor x 0.01059 x VS)
VS = 5.1 V ± 0.25 Vdc
Transfer Function (MPX4101A, MPXA4101A, MPXH6101A)
Temperature Error Band
Temperature in
°C
4.0
3.0
2.0
0.0
1.0
–40
–20
0
20
40
60
120
100
80
MPX4101A, MPXA4101A, MPXH6101A Series
Temp
Multiplier
– 40
3
0 to 85
1
+125
3
Temperature
Error
Factor
140
NOTE: The Temperature Multiplier is a linear response from 0
° to –40°C and from 85° to 125°C.
Pressure Error Band
Error Limits for Pressure
Pressure (in kPa)
3.0
2.0
1.0
–1.0
– 2.0
– 3.0
0.0
015
30
45
60
75
90
105
120
Pressure
Error (Max)
15 to 102 (kPa)
± 1.5 (kPa)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com