Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 220 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 220 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 216Page - Motorola, Inc MPXM2202AS Datasheet HTML 217Page - Motorola, Inc MPXM2202AS Datasheet HTML 218Page - Motorola, Inc MPXM2202AS Datasheet HTML 219Page - Motorola, Inc MPXM2202AS Datasheet HTML 220Page - Motorola, Inc MPXM2202AS Datasheet HTML 221Page - Motorola, Inc MPXM2202AS Datasheet HTML 222Page - Motorola, Inc MPXM2202AS Datasheet HTML 223Page - Motorola, Inc MPXM2202AS Datasheet HTML 224Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 670 page
background image
MPX4101A MPXA4101A MPXH6101A SERIES
3–74
Motorola Sensor Device Data
www.motorola.com/semiconductors
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Motorola designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing fluorosilicone gel
which protects the die from harsh media. The Motorola pres-
sure sensor is designed to operate with positive differential
pressure applied, P1 > P2.
The Pressure (P1) side may be identified by using the table
below:
Part Number
Case Type
Pressure (P1)
Side Identifier
MPX4101A
867
Stainless Steel Cap
MPXA4101AC6U
482A
Side with Port Attached
MPXH6101A6U
1317
Stainless Steel Cap
MPXH6101A6T1
1317
Stainless Steel Cap
ORDERING INFORMATION — UNIBODY PACKAGE
The MPX4101A series MAP silicon pressure sensors are available in the Basic Element, or with pressure port fittings that
provide mounting ease and barbed hose connections.
MPX Series
Device Type
Options
Case Type
Order Number
Device Marking
Basic Element
Absolute, Element Only
867
MPX4101A
MPX4101A
ORDERING INFORMATION — SMALL OUTLINE PACKAGE
Device Type
Options
Case No.
MPX Series Order No.
Packing Options
Marking
Ported Element
Absolute, Axial Port
482A
MPXA4101AC6U
Rails
MPXA4101A
ORDERING INFORMATION — SUPER SMALL OUTLINE PACKAGE
Device Type
Options
Case No.
MPX Series Order No.
Packing Options
Marking
Basic Element
Absolute, Element Only
1317
MPXH6101A6U
Rails
MPXH6101A
Basic Element
Absolute, Element Only
1317
MPXH6101A6T1
Tape and Reel
MPXH6101A
INFORMATION FOR USING THE SMALL OUTLINE PACKAGES
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total
design. The footprint for the surface mount packages must
be the correct size to ensure proper solder connection inter-
face between the board and the package. With the correct
footprint, the packages will self align when subjected to a
solder reflow process. It is always recommended to design
boards with a solder mask layer to avoid bridging and short-
ing between solder pads.
0.660
16.76
0.060 TYP 8X
1.52
0.100 TYP 8X
2.54
0.100 TYP 8X
2.54
0.300
7.62
Figure 5. SOP Footprint (Case 482)
inch
mm
SCALE 2:1
Figure 6. SSOP Footprint (Case 1317)
0.027 TYP 8X
0.69
0.053 TYP 8X
1.35
inch
mm
0.387
9.83
0.150
3.81
0.050
1.27
TYP
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com