Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 225 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 225 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 221Page - Motorola, Inc MPXM2202AS Datasheet HTML 222Page - Motorola, Inc MPXM2202AS Datasheet HTML 223Page - Motorola, Inc MPXM2202AS Datasheet HTML 224Page - Motorola, Inc MPXM2202AS Datasheet HTML 225Page - Motorola, Inc MPXM2202AS Datasheet HTML 226Page - Motorola, Inc MPXM2202AS Datasheet HTML 227Page - Motorola, Inc MPXM2202AS Datasheet HTML 228Page - Motorola, Inc MPXM2202AS Datasheet HTML 229Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 670 page
background image
3–79
Motorola Sensor Device Data
www.motorola.com/semiconductors
Integrated Silicon Pressure Sensor
for Manifold Absolute Pressure,
Altimeter or Barometer Applications
On-Chip Signal Conditioned,
Temperature Compensated
and Calibrated
Motorola’s MPX4115A/MPXA4115A series sensor integrates on–chip, bipolar op amp
circuitry and thin film resistor networks to provide a high output signal and temperature
compensation. The small form factor and high reliability of on–chip integration make the
Motorola pressure sensor a logical and economical choice for the system designer.
The MPX4115A/MPXA4115A series piezoresistive transducer is a state–of–the–art,
monolithic, signal conditioned, silicon pressure sensor. This sensor combines advanced
micromachining techniques, thin film metallization, and bipolar semiconductor processing to
provide an accurate, high level analog output signal that is proportional to applied pressure.
Figure 1 shows a block diagram of the internal circuitry integrated on a pressure
sensor chip.
Features
• 1.5% Maximum Error over 0° to 85°C
• Ideally suited for Microprocessor or Microcontroller–
Based Systems
• Temperature Compensated from –40° to +125°C
• Durable Epoxy Unibody Element or Thermoplastic
(PPS) Surface Mount Package
Application Examples
• Aviation Altimeters
• Industrial Controls
• Engine Control
• Weather Stations and Weather Reporting Devices
Figure 1. Fully Integrated Pressure Sensor
Schematic
VS
SENSING
ELEMENT
Vout
GND
THIN FILM
TEMPERATURE
COMPENSATION
AND
GAIN STAGE #1
GAIN STAGE #2
AND
GROUND
REFERENCE
SHIFT CIRCUITRY
PINS 1, 5, 6, 7 AND 8 ARE NO CONNECTS
FOR SMALL OUTLINE PACKAGE DEVICE
PINS 4, 5 AND 6 ARE NO CONNECTS FOR
UNIBODY DEVICE
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPX4115A
MPXA4115A
SERIES
INTEGRATED
PRESSURE SENSOR
15 to 115 kPa (2.2 to 16.7 psi)
0.2 to 4.8 Volts Output
PIN NUMBER
NOTE: Pins 4, 5, and 6 are internal
device connections. Do not connect
to external circuitry or ground. Pin 1
is noted by the notch in the lead.
MPX4115A
CASE 867
MPX4115AP
CASE 867B
1
2
3
Vout
Gnd
VS
4
5
6
N/C
N/C
N/C
UNIBODY PACKAGE
PIN NUMBER
NOTE: Pins 1, 5, 6, 7, and 8 are
internal device connections. Do not
connect to external circuitry or
ground. Pin 1 is noted by the notch in
the lead.
1
2
3
N/C
VS
Gnd
5
6
7
N/C
N/C
N/C
MPXA4115A6U
CASE 482
MPXA4115AC6U
CASE 482A
4Vout
8
N/C
SMALL OUTLINE PACKAGE
MPX4115AS
CASE 867E
REV 4
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com