Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 239 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 239 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 235Page - Motorola, Inc MPXM2202AS Datasheet HTML 236Page - Motorola, Inc MPXM2202AS Datasheet HTML 237Page - Motorola, Inc MPXM2202AS Datasheet HTML 238Page - Motorola, Inc MPXM2202AS Datasheet HTML 239Page - Motorola, Inc MPXM2202AS Datasheet HTML 240Page - Motorola, Inc MPXM2202AS Datasheet HTML 241Page - Motorola, Inc MPXM2202AS Datasheet HTML 242Page - Motorola, Inc MPXM2202AS Datasheet HTML 243Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 670 page
background image
3–93
Motorola Sensor Device Data
www.motorola.com/semiconductors
Integrated Silicon Pressure Sensor
On-Chip Signal Conditioned,
Temperature Compensated
and Calibrated
The MPX4250D series piezoresistive transducer is a state–of–the–art monolithic
silicon pressure sensor designed for a wide range of applications, particularly those
employing a microcontroller or microprocessor with A/D inputs. This transducer
combines advanced micromachining techniques, thin–film metallization, and bipolar
processing to provide an accurate, high–level analog output signal that is proportional to
the applied pressure. The small form factor and high reliability of on–chip integration
make the Motorola sensor a logical and economical choice for the automotive system
engineer.
Features
• Differential and Gauge Applications Available
• 1.4% Maximum Error Over 0° to 85°C
• Patented Silicon Shear Stress Strain Gauge
• Temperature Compensated Over –40° to +125°C
• Offers Reduction in Weight and Volume Compared to Existing Hybrid Modules
• Durable Epoxy Unibody Element
Applications
• Ideally Suited for Microprocessor or Microcontroller–Based Systems
PINS 4, 5 AND 6 ARE NO CONNECTS FOR
UNIBODY DEVICE
Figure 1. Fully Integrated Pressure Sensor Schematic
VS
SENSING
ELEMENT
Vout
GND
THIN FILM
TEMPERATURE
COMPENSATION
AND
GAIN STAGE #1
GAIN STAGE #2
AND
GROUND
REFERENCE
SHIFT CIRCUITRY
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPX4250D
SERIES
INTEGRATED
PRESSURE SENSOR
0 to 250 kPa (0 to 36.3 psi)
0.2 to 4.9 Volts Output
PIN NUMBER
NOTE: Pins 4, 5, and 6 are internal
device connections. Do not connect
to external circuitry or ground. Pin 1
is noted by the notch in the lead.
BASIC CHIP
CARRIER ELEMENT
CASE 867, STYLE 1
GAUGE PORT OPTION
CASE 867B, STYLE 1
1
2
3
Vout
Gnd
VS
4
5
6
N/C
N/C
N/C
UNIBODY PACKAGE
DUAL PORT OPTION
CASE 867C, STYLE 1
REV 3
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com