Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 241 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 241 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 237Page - Motorola, Inc MPXM2202AS Datasheet HTML 238Page - Motorola, Inc MPXM2202AS Datasheet HTML 239Page - Motorola, Inc MPXM2202AS Datasheet HTML 240Page - Motorola, Inc MPXM2202AS Datasheet HTML 241Page - Motorola, Inc MPXM2202AS Datasheet HTML 242Page - Motorola, Inc MPXM2202AS Datasheet HTML 243Page - Motorola, Inc MPXM2202AS Datasheet HTML 244Page - Motorola, Inc MPXM2202AS Datasheet HTML 245Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 670 page
background image
MPX4250D SERIES
3–95
Motorola Sensor Device Data
www.motorola.com/semiconductors
Figure 2. Cross–Sectional Diagram
(Not to Scale)
FLUOROSILICONE
DIE COAT
WIRE BOND
LEAD
FRAME
DIE
STAINLESS STEEL
METAL COVER
RTV DIE
BOND
P1
P2
EPOXY CASE
1.0
mF
IPS
470 pF
OUTPUT
Vs
+5 V
0.01
mF
GND
Vout
Figure 3. Recommended power supply decoupling
and output filtering.
For additional output filtering, please refer to
Application Note AN1646.
Figure 2 illustrates the differential/gauge pressure sensing
chip in the basic chip carrier (Case 867). A fluorosilicone gel
isolates the die surface and wire bonds from the environ-
ment, while allowing the pressure signal to be transmitted to
the sensor diaphragm.
The MPX4250D series pressure sensor operating charac-
teristics and internal reliability and qualification tests are based
on use of dry air as the pressure media. Media, other than dry
air, may have adverse effects on sensor performance and
long–term reliability. Contact the factory for information
regarding media compatibility in your application.
Figure 3 shows the recommended decoupling circuit for in-
terfacing the output of the integrated sensor to the A/D input
of a microprocessor or microcontroller.
Figure 4 shows the sensor output signal relative to pres-
sure input. Typical, minimum, and maximum output curves
are shown for operation over a temperature range of 0
° to
85
°C using the decoupling circuit shown in Figure 3. The
output will saturate outside of the specified pressure range.
0
5.0
4.5
4.0
3.5
3.0
PRESSURE in kPa
MAX
MIN
2.5
2.0
1.5
1.0
0.5
Figure 4. Output versus Differential Pressure
TYP
TRANSFER FUNCTION:
Vout = VS* (0.00369*P + 0.04) ± Error
VS = 5.1 Vdc
TEMP = 0 to 85
°C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com