Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 256 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 256 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 252Page - Motorola, Inc MPXM2202AS Datasheet HTML 253Page - Motorola, Inc MPXM2202AS Datasheet HTML 254Page - Motorola, Inc MPXM2202AS Datasheet HTML 255Page - Motorola, Inc MPXM2202AS Datasheet HTML 256Page - Motorola, Inc MPXM2202AS Datasheet HTML 257Page - Motorola, Inc MPXM2202AS Datasheet HTML 258Page - Motorola, Inc MPXM2202AS Datasheet HTML 259Page - Motorola, Inc MPXM2202AS Datasheet HTML 260Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 670 page
background image
MPX5100 SERIES
3–110
Motorola Sensor Device Data
www.motorola.com/semiconductors
ON–CHIP TEMPERATURE COMPENSATION, CALIBRATION and SIGNAL CONDITIONING
Figure 2. Output versus Pressure Differential
Figure 2 shows the sensor output signal relative to
pressure input. Typical, minimum, and maximum out-
put curves are shown for operation over a temperature
range of 0
° to 85°C using the decoupling circuit shown
in Figure 4. The output will saturate outside of the spe-
cified pressure range.
5
4.5
4
3.5
3
PRESSURE (kPa)
TYP
MAX
MIN
2.5
2
1.5
1
0.5
0
VS = 5 Vdc
TA = 25°C
MPX5100
OFFSET
(TYP)
FLUORO SILICONE
GEL DIE COAT
WIRE BOND
LEAD FRAME
DIE
STAINLESS STEEL
METAL COVER
EPOXY PLASTIC
CASE
DIFFERENTIAL/GAUGE ELEMENT
DIE
BOND
FLUORO SILICONE
GEL DIE COAT
WIRE BOND
LEAD FRAME
DIE
STAINLESS STEEL
METAL COVER
EPOXY PLASTIC
CASE
DIE
BOND
ABSOLUTE ELEMENT
Figure 3. Cross–Sectional Diagrams
(Not to Scale)
Figure 3 illustrates both the Differential/Gauge and the
Absolute Sensing Chip in the basic chip carrier (Case 867).
A fluorosilicone gel isolates the die surface and wire bonds
from the environment, while allowing the pressure signal to
be transmitted to the sensor diaphragm.
The MPX5100 series pressure sensor operating char-
acteristics, and internal reliability and qualification tests
are based on use of dry air as the pressure media. Media,
other than dry air, may have adverse effects on sensor
performance and long–term reliability. Contact the fac-
tory for information regarding media compatibility in your
application.
Figure 4 shows the recommended decoupling circuit for
interfacing the output of the integrated sensor to the A/D in-
put of a microprocessor or microcontroller. Proper decoup-
ling of the power supply is recommended.
Figure 4. Recommended power supply decoupling
and output filtering.
For additional output filtering, please refer to
Application Note AN1646.
1.0
mF
IPS
470 pF
OUTPUT
Vs
+5 V
0.01
mF
GND
Vout
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com