Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 259 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 259 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 255Page - Motorola, Inc MPXM2202AS Datasheet HTML 256Page - Motorola, Inc MPXM2202AS Datasheet HTML 257Page - Motorola, Inc MPXM2202AS Datasheet HTML 258Page - Motorola, Inc MPXM2202AS Datasheet HTML 259Page - Motorola, Inc MPXM2202AS Datasheet HTML 260Page - Motorola, Inc MPXM2202AS Datasheet HTML 261Page - Motorola, Inc MPXM2202AS Datasheet HTML 262Page - Motorola, Inc MPXM2202AS Datasheet HTML 263Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 670 page
background image
MPX5100 SERIES
3–113
Motorola Sensor Device Data
www.motorola.com/semiconductors
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Motorola designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing fluoro silicone gel
which protects the die from harsh media. The Motorola MPX
pressure sensor is designed to operate with positive differen-
tial pressure applied, P1 > P2.
The Pressure (P1) side may be identified by using the
Table below:
Part Number
Case Type
Pressure (P1)
Side Identifier
MPX5100A, MPX5100D
867
Stainless Steel Cap
MPX5100DP
867C
Side with Part Marking
MPX5100AP, MPX5100GP
867B
Side with Port Attached
MPX5100GSX
867F
Side with Port Attached
ORDERING INFORMATION:
The MPX5100 pressure sensor is available in absolute, differential, and gauge configurations. Devices are available in the
basic element package or with pressure port fittings that provide printed circuit board mounting ease and barbed hose pres-
sure connections.
MPX Series
Device Name
Options
Case Type
Order Number
Device Marking
Basic Element
Absolute
867
MPX5100A
MPX5100A
Differential
867
MPX5100D
MPX5100D
Ported Elements
Differential Dual Ports
867C
MPX5100DP
MPX5100DP
Absolute, Single Port
867B
MPX5100AP
MPX5100AP
Gauge, Single Port
867B
MPX5100GP
MPX5100GP
Gauge, Axial PC Mount
867F
MPX5100GSX
MPX5100D
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com