Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 271 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 271 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 267Page - Motorola, Inc MPXM2202AS Datasheet HTML 268Page - Motorola, Inc MPXM2202AS Datasheet HTML 269Page - Motorola, Inc MPXM2202AS Datasheet HTML 270Page - Motorola, Inc MPXM2202AS Datasheet HTML 271Page - Motorola, Inc MPXM2202AS Datasheet HTML 272Page - Motorola, Inc MPXM2202AS Datasheet HTML 273Page - Motorola, Inc MPXM2202AS Datasheet HTML 274Page - Motorola, Inc MPXM2202AS Datasheet HTML 275Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 670 page
background image
MPX5700 SERIES
3–125
Motorola Sensor Device Data
www.motorola.com/semiconductors
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Motorola designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing fluoro silicone gel
which protects the die from harsh media. The Motorola MPX
pressure sensor is designed to operate with positive differen-
tial pressure applied, P1 > P2.
The Pressure (P1) side may be identified by using the table
below:
Part Number
Case Type
Pressure (P1)
Side Identifier
MPX5700D, MPX5700A
867C
Stainless Steel Cap
MPX5700DP
867C
Side with Part Marking
MPX5700GP, MPX5700AP
867B
Side with Port Attached
MPX5700GS, MPX5700AS
867E
Side with Port Attached
ORDERING INFORMATION
MPX Series
Device Type
Options
Case Type
Order Number
Device Marking
Basic Element
Differential
867C
MPX5700D
MPX5700D
Absolute
867C
MPX5700A
MPX5700A
Ported Elements
Differential Dual Ports
867C
MPX5700DP
MPX5700DP
Gauge
867B
MPX5700GP
MPX5700GP
Gauge, Axial
867E
MPX5700GS
MPX5700D
Absolute
867B
MPX5700AP
MPX5700AP
Absolute, Axial
867E
MPX5700AS
MPX5700A
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com