Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 274 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 274 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 270Page - Motorola, Inc MPXM2202AS Datasheet HTML 271Page - Motorola, Inc MPXM2202AS Datasheet HTML 272Page - Motorola, Inc MPXM2202AS Datasheet HTML 273Page - Motorola, Inc MPXM2202AS Datasheet HTML 274Page - Motorola, Inc MPXM2202AS Datasheet HTML 275Page - Motorola, Inc MPXM2202AS Datasheet HTML 276Page - Motorola, Inc MPXM2202AS Datasheet HTML 277Page - Motorola, Inc MPXM2202AS Datasheet HTML 278Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 670 page
background image
MPX5999D
3–128
Motorola Sensor Device Data
www.motorola.com/semiconductors
ON–CHIP TEMPERATURE COMPENSATION, CALIBRATION AND SIGNAL CONDITIONING
Figure 2 shows the sensor output signal relative to pres-
sure input. Typical, minimum, and maximum output curves
are shown for operation over a temperature range of 0
° to
85
°C using the decoupling circuit shown in Figure 4. The
output will saturate outside of the specified pressure range.
The performance over temperature is achieved by integrat-
ing the shear–stress strain gauge, temperature compensa-
tion, calibration and signal conditioning circuitry onto a single
monolithic chip.
Figure 3 illustrates the differential or gauge configuration in the
basic chip carrier (Case 867). A fluoro silicone gel isolates the
die surface and wire bonds from harsh environments, while al-
lowing the pressure signal to be transmitted to the silicon dia-
phragm.
The MPX5999D pressure sensor operating characteristics,
and internal reliability and qualification tests are based on use
of dry air as the pressure media. Media other than dry air may
have adverse effects on sensor performance and long–term
reliability. Contact the factory for information regarding media
compatibility in your application.
Figure 4 shows the recommended decoupling circuit for
interfacing the output of the integrated sensor to the A/D in-
put of a microprocessor or microcontroller. Proper decoup-
ling of the power supply is recommended.
MAX
Figure 2. Output versus Pressure Differential
DIFFERENTIAL PRESSURE (kPa)
5.0
4.0
3.0
2.0
0
1100
700
300
0
900
500
4.5
3.5
2.5
1.5
100
TRANSFER FUNCTION:
Vout = VS*(0.000901*P+0.04) ± ERROR
VS = 5.0 Vdc
TEMP = 0 to 85
°C
1.0
0.5
1000
600
200
800
400
MIN
TYPICAL
SILICONE
DIE COAT
LEAD
FRAME
STAINLESS STEEL
METAL COVER
RTV DIE
BOND
DIE
WIRE BOND
Figure 3. Cross–Sectional Diagram
(Not to Scale)
THERMOPLASTIC CASE
P1
P2
Figure 4. Recommended power supply decoupling
and output filtering.
For additional output filtering, please refer to
Application Note AN1646.
1.0
mF
IPS
470 pF
OUTPUT
Vs
+5 V
0.01
mF
GND
Vout
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com