Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 276 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 276 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 272Page - Motorola, Inc MPXM2202AS Datasheet HTML 273Page - Motorola, Inc MPXM2202AS Datasheet HTML 274Page - Motorola, Inc MPXM2202AS Datasheet HTML 275Page - Motorola, Inc MPXM2202AS Datasheet HTML 276Page - Motorola, Inc MPXM2202AS Datasheet HTML 277Page - Motorola, Inc MPXM2202AS Datasheet HTML 278Page - Motorola, Inc MPXM2202AS Datasheet HTML 279Page - Motorola, Inc MPXM2202AS Datasheet HTML 280Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 670 page
background image
3–130
Motorola Sensor Device Data
www.motorola.com/semiconductors
High Temperature Accuracy
Integrated Silicon Pressure Sensor
for Measuring Absolute Pressure,
On-Chip Signal Conditioned,
Temperature Compensated
and Calibrated
Motorola’s MPXA6115A/MPXH6115A series sensor integrates on–chip, bipolar op amp
circuitry and thin film resistor networks to provide a high output signal and temperature
compensation. The small form factor and high reliability of on–chip integration make the
Motorola pressure sensor a logical and economical choice for the system designer.
The MPXA6115A/MPXH6115A series piezoresistive
transducer is a state–of–the–art, monolithic, signal
conditioned, silicon pressure sensor. This sensor
combines advanced micromachining techniques, thin
film metallization, and bipolar semiconductor processing
to provide an accurate, high level analog output signal
that is proportional to applied pressure.
Figure 1 shows a block diagram of the internal
circuitry integrated on a pressure sensor chip.
Features
• Improved Accuracy at High Temperature
• Available in Small and Super Small Outline
Packages
• 1.5% Maximum Error over 0° to 85°C
• Ideally suited for Microprocessor or
Microcontroller–Based Systems
• Temperature Compensated from –40° to +125°C
• Durable Thermoplastic (PPS) Surface Mount
Package
Application Examples
• Aviation Altimeters
• Industrial Controls
• Engine Control/Manifold Absolute Pressure (MAP)
• Weather Station and Weather Reporting Device
Barometers
Figure 1. Fully Integrated Pressure Sensor
Schematic
VS
SENSING
ELEMENT
Vout
GND
THIN FILM
TEMPERATURE
COMPENSATION
AND
GAIN STAGE #1
GAIN STAGE #2
AND
GROUND
REFERENCE
SHIFT CIRCUITRY
PINS 1, 5, 6, 7 AND 8 ARE NO CONNECTS
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPXA6115A
MPXH6115A
SERIES
INTEGRATED
PRESSURE SENSOR
15 to 115 kPa (2.2 to 16.7 psi)
0.2 to 4.8 Volts Output
PIN NUMBER
NOTE: Pins 1, 5, 6, 7, and 8 are
internal device connections. Do not
connect to external circuitry or
ground. Pin 1 is denoted by the notch
in the lead.
1
2
3
N/C
VS
Gnd
5
6
7
N/C
N/C
N/C
MPXA6115A6U
CASE 482
MPXA6115AC6U
CASE 482A
4Vout
8
N/C
SMALL OUTLINE PACKAGE
PIN NUMBER
NOTE: Pins 1, 5, 6, 7, and 8 are
internal device connections. Do not
connect to external circuitry or
ground. Pin 1 is denoted by the
chamfered corner of the package.
1
2
3
N/C
VS
Gnd
5
6
7
N/C
N/C
N/C
MPXH6115A6U
CASE 1317
MPXH6115AC6U
CASE 1317A
4Vout
8
N/C
SUPER SMALL OUTLINE
PACKAGE
REV 1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com