Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 278 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 278 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 274Page - Motorola, Inc MPXM2202AS Datasheet HTML 275Page - Motorola, Inc MPXM2202AS Datasheet HTML 276Page - Motorola, Inc MPXM2202AS Datasheet HTML 277Page - Motorola, Inc MPXM2202AS Datasheet HTML 278Page - Motorola, Inc MPXM2202AS Datasheet HTML 279Page - Motorola, Inc MPXM2202AS Datasheet HTML 280Page - Motorola, Inc MPXM2202AS Datasheet HTML 281Page - Motorola, Inc MPXM2202AS Datasheet HTML 282Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 670 page
background image
MPXA6115A MPXH6115A SERIES
3–132
Motorola Sensor Device Data
www.motorola.com/semiconductors
Figure 2. Cross Sectional Diagram SSOP
(not to scale)
Figure 3. Typical Application Circuit
(Output Source Current Operation)
WIRE BOND
STAINLESS
STEEL CAP
THERMOPLASTIC
CASE
DIE BOND
SEALED VACUUM REFERENCE
DIE
P1
FLUORO SILICONE
GEL DIE COAT
LEAD
FRAME
ABSOLUTE ELEMENT
VS Pin 2
+5.0 V
GND Pin 3
Vout Pin 4
MPXA6115A
to ADC
100 nF
51 K
47 pF
MPXH6115A
Figure 2 illustrates the absolute sensing chip in the basic
Super Small Outline chip carrier (Case 1317).
Figure 3 shows a typical application circuit (output source
current operation).
5.0
4.5
4.0
3.5
3.0
Pressure (ref: to sealed vacuum) in kPa
TYP
MAX
MIN
2.5
2.0
1.5
1.0
0.5
0
Figure 4. Output versus Absolute Pressure
TRANSFER FUNCTION:
Vout = Vs* (.009*P–.095) ± Error
VS = 5.0 Vdc
TEMP = 0 to 85
°C
Figure 4 shows the sensor output signal relative to pres-
sure input. Typical minimum and maximum output curves
are shown for operation over 0 to 85
°C temperature range.
The output will saturate outside of the rated pressure range.
A fluorosilicone gel isolates the die surface and wire
bonds from the environment, while allowing the pressure
signal to be transmitted to the silicon diaphragm. The
MPXA6115A/MPXH6115A series pressure sensor operating
characteristics, internal reliability and qualification tests are
based on use of dry air as the pressure media. Media other
than dry air may have adverse effects on sensor perfor-
mance and long–term reliability. Contact the factory for
information regarding media compatibility in your application.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com