Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 281 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 281 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 277Page - Motorola, Inc MPXM2202AS Datasheet HTML 278Page - Motorola, Inc MPXM2202AS Datasheet HTML 279Page - Motorola, Inc MPXM2202AS Datasheet HTML 280Page - Motorola, Inc MPXM2202AS Datasheet HTML 281Page - Motorola, Inc MPXM2202AS Datasheet HTML 282Page - Motorola, Inc MPXM2202AS Datasheet HTML 283Page - Motorola, Inc MPXM2202AS Datasheet HTML 284Page - Motorola, Inc MPXM2202AS Datasheet HTML 285Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 670 page
background image
3–135
Motorola Sensor Device Data
www.motorola.com/semiconductors
Media Resistant, Integrated Silicon
Pressure Sensor for Manifold
Absolute Pressure Applications
On-Chip Signal Conditioned,
Temperature Compensated, and
Calibrated
The Motorola MPXAZ4100A series Manifold Absolute Pressure (MAP) sensor for
engine control is designed to sense absolute air pressure within the intake manifold.
This measurement can be used to compute the amount of fuel required for each
cylinder. The small form factor and high reliability of on–chip integration makes the
Motorola MAP sensor a logical and economical choice for automotive system
designers.
The MPXAZ4100A series piezoresistive transducer is a state–of–the–art, monolithic,
signal conditioned, silicon pressure sensor. This sensor combines advanced
micromachining techniques, thin film metallization, and bipolar semiconductor
processing to provide an accurate, high level analog output signal that is proportional to
applied pressure.
Figure 1 shows a block diagram of the internal circuitry integrated on a pressure
sensor chip.
Features
• Resistant to high humidity and common automotive media
• 1.8% Maximum Error Over 0° to 85°C
• Specifically Designed for Intake Manifold Absolute
Pressure Sensing in Engine Control Systems
• Ideally Suited for Microprocessor or Microcontroller Based Systems
• Temperature Compensated Over –40°C to +125°C
• Durable Thermoplastic (PPS) Surface Mount Package
Application Examples
• Manifold Sensing for Automotive Systems
• Also Ideal for Non–Automotive Applications
Figure 1. Fully Integrated Pressure Sensor Schematic
VS
SENSING
ELEMENT
Vout
GND
THIN FILM
TEMPERATURE
COMPENSATION
AND
GAIN STAGE #1
GAIN STAGE #2
AND
GROUND
REFERENCE
SHIFT CIRCUITRY
PINS 1, 5, 6, 7 AND 8 ARE NO CONNECTS
FOR SMALL OUTLINE PACKAGE DEVICE
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
5
6
7
8
Gnd
Vout
4
1
2
3
MPXAZ4100A
SERIES
INTEGRATED
PRESSURE SENSOR
20 to 105 kPa (2.9 to 15.2 psi)
0.3 to 4.9 V Output
PIN NUMBER
N/C
VS
N/C
N/C
N/C
N/C
NOTE: Pins 1, 5, 6, 7, and 8 are not
device connections. Do not connect to
external circuitry or ground. Pin 1 is
noted by the notch in the lead.
MPXAZ4100AC6U
CASE 482A
SMALL OUTLINE PACKAGE
MPXAZ4100A6U
CASE 482
Rev 0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com