Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 284 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 284 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 280Page - Motorola, Inc MPXM2202AS Datasheet HTML 281Page - Motorola, Inc MPXM2202AS Datasheet HTML 282Page - Motorola, Inc MPXM2202AS Datasheet HTML 283Page - Motorola, Inc MPXM2202AS Datasheet HTML 284Page - Motorola, Inc MPXM2202AS Datasheet HTML 285Page - Motorola, Inc MPXM2202AS Datasheet HTML 286Page - Motorola, Inc MPXM2202AS Datasheet HTML 287Page - Motorola, Inc MPXM2202AS Datasheet HTML 288Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 670 page
background image
MPXAZ4100A SERIES
3–138
Motorola Sensor Device Data
www.motorola.com/semiconductors
Transfer Function (MPXAZ4100A)
Nominal Transfer Value: Vout = VS (P x 0.01059 – 0.1518)
+/– (Pressure Error x Temp. Factor x 0.01059 x VS)
VS = 5.1 V ± 0.25 Vdc
Temperature Error Band
MPXAZ4100A Series
Temp
Multiplier
– 40
3
0 to 85
1
+125
3
Temperature in C
°
4.0
3.0
2.0
0.0
1.0
–40
–20
0
20
40
60
140
120
100
80
Temperature
Error
Factor
NOTE: The Temperature Multiplier is a linear response from 0
°C to –40°C and from 85°C to 125°C.
Pressure Error Band
Error Limits for Pressure
3.0
2.0
1.0
–1.0
– 2.0
– 3.0
0.0
20
40
60
80
100
120
Pressure (in kPa)
Pressure
Error (Max)
20 to 105 (kPa)
± 1.5 (kPa)
ORDERING INFORMATION — SMALL OUTLINE PACKAGE
Device Type
Options
Case No.
MPX Series Order No.
Packing Options
Marking
Basic Element
Absolute, Element Only
482
MPXAZ4100A6U
Rails
MPXAZ4100A
Absolute, Element Only
482
MPXAZ4100A6T1
Tape and Reel
MPXAZ4100A
Ported Element
Absolute, Axial Port
482A
MPXAZ4100AC6U
Rails
MPXAZ4100A
Absolute, Axial Port
482A
MPXAZ4100AC6T1
Tape and Reel
MPXAZ4100A
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com