Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 288 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 288 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 284Page - Motorola, Inc MPXM2202AS Datasheet HTML 285Page - Motorola, Inc MPXM2202AS Datasheet HTML 286Page - Motorola, Inc MPXM2202AS Datasheet HTML 287Page - Motorola, Inc MPXM2202AS Datasheet HTML 288Page - Motorola, Inc MPXM2202AS Datasheet HTML 289Page - Motorola, Inc MPXM2202AS Datasheet HTML 290Page - Motorola, Inc MPXM2202AS Datasheet HTML 291Page - Motorola, Inc MPXM2202AS Datasheet HTML 292Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 670 page
background image
MPXAZ4115A SERIES
3–142
Motorola Sensor Device Data
www.motorola.com/semiconductors
WIRE BOND
STAINLESS
STEEL CAP
THERMOPLASTIC
CASE
DIE BOND
SEALED VACUUM REFERENCE
DIE
P1
FLUORO SILICONE
GEL DIE COAT
LEAD
FRAME
ABSOLUTE ELEMENT
Figure 2. Cross Sectional Diagram SOP
(not to scale)
1.0
mF
IPS
470 pF
OUTPUT
Vs
+5 V
0.01
mF
GND
Vout
Figure 3. Recommended power supply decoupling
and output filtering.
For additional output filtering, please refer to
Application Note AN1646.
Figure 2 illustrates the absolute sensing chip in the basic
chip carrier (Case 482).
Figure 3 shows the recommended decoupling circuit for
interfacing the output of the integrated sensor to the A/D in-
put of a microprocessor or microcontroller. Proper decoup-
ling of the power supply is recommended.
5.0
4.5
4.0
3.5
3.0
Pressure (ref: to sealed vacuum) in kPa
TYP
MAX
MIN
2.5
2.0
1.5
1.0
0.5
0
Figure 4. Output versus Absolute Pressure
TRANSFER FUNCTION:
Vout = Vs* (.009*P–.095) ± Error
VS = 5.1 Vdc
TEMP = 0 to 85
°C
Figure 4 shows the sensor output signal relative to pres-
sure input. Typical minimum and maximum output curves
are shown for operation over a temperature range of 0 to
85
°C using the decoupling circuit shown in Figure 3. The
output will saturate outside of the specified pressure range.
A gel die coat isolates the die surface and wire bonds
from the environment, while allowing the pressure signal
to be transmitted to the sensor diaphragm. The gel die
coat and durable polymer package provide a media resis-
tant barrier that allows the sensor to operate reliably in
high humidity conditions as well as environments contain-
ing common automotive media. Contact the factory for
more information regarding media compatibility in your
specific application.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com