Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 280 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 280 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 276Page - Motorola, Inc MPXM2202AS Datasheet HTML 277Page - Motorola, Inc MPXM2202AS Datasheet HTML 278Page - Motorola, Inc MPXM2202AS Datasheet HTML 279Page - Motorola, Inc MPXM2202AS Datasheet HTML 280Page - Motorola, Inc MPXM2202AS Datasheet HTML 281Page - Motorola, Inc MPXM2202AS Datasheet HTML 282Page - Motorola, Inc MPXM2202AS Datasheet HTML 283Page - Motorola, Inc MPXM2202AS Datasheet HTML 284Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 670 page
background image
MPXA6115A MPXH6115A SERIES
3–134
Motorola Sensor Device Data
www.motorola.com/semiconductors
SURFACE MOUNTING INFORMATION
MINIMUM RECOMMENDED FOOTPRINT FOR SMALL AND SUPER SMALL PACKAGES
Surface mount board layout is a critical portion of the total
design. The footprint for the semiconductor package must
be the correct size to ensure proper solder connection inter-
face between the board and the package. With the correct
pad geometry, the packages will self–align when subjected to
a solder reflow process. It is always recommended to fabri-
cate boards with a solder mask layer to avoid bridging and/or
shorting between solder pads, especially on tight tolerances
and/or tight layouts.
0.660
16.76
0.060 TYP 8X
1.52
0.100 TYP 8X
2.54
0.100 TYP
2.54
0.300
7.62
Figure 5. SOP Footprint (Case 482)
inch
mm
Figure 6. SSOP Footprint (Case 1317 and 1317A)
0.027 TYP 8X
0.69
0.053 TYP 8X
1.35
inch
mm
0.387
9.83
0.150
3.81
0.050
1.27
TYP
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com