Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 294 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 294 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 290Page - Motorola, Inc MPXM2202AS Datasheet HTML 291Page - Motorola, Inc MPXM2202AS Datasheet HTML 292Page - Motorola, Inc MPXM2202AS Datasheet HTML 293Page - Motorola, Inc MPXM2202AS Datasheet HTML 294Page - Motorola, Inc MPXM2202AS Datasheet HTML 295Page - Motorola, Inc MPXM2202AS Datasheet HTML 296Page - Motorola, Inc MPXM2202AS Datasheet HTML 297Page - Motorola, Inc MPXM2202AS Datasheet HTML 298Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 670 page
background image
MPXAZ6115A SERIES
3–148
Motorola Sensor Device Data
www.motorola.com/semiconductors
Transfer Function (MPXAZ6115A)
Nominal Transfer Value: Vout = VS x (0.009 x P – 0.095)
± (Pressure Error x Temp. Factor x 0.009 x VS)
VS = 5.0 ± 0.25 Vdc
Temperature Error Band
MPXAZ6115A Series
Break Points
Temp
Multiplier
– 40
3
0 to 85
1
125
1.75
Temperature in C
°
4.0
3.0
2.0
0.0
1.0
–40
–20
0
20
40
60
140
120
100
80
Temperature
Error
Factor
NOTE: The Temperature Multiplier is a linear response from 0
°C to –40°C and from 85°C to 125°C
Pressure Error Band
Error Limits for Pressure
3.0
2.0
1.0
–1.0
– 2.0
– 3.0
0.0
20
Pressure (in kPa)
Pressure
Error (Max)
15 to 115 (kPa)
± 1.5 (kPa)
40
60
80
100
120
ORDERING INFORMATION — SMALL OUTLINE PACKAGE
Device Type
Options
Case No.
MPX Series Order No.
Packing Options
Marking
Basic Element
Absolute, Element Only
482
MPXAZ6115A6U
Rails
MPXAZ6115A
Absolute, Element Only
482
MPXAZ6115A6T1
Tape and Reel
MPXAZ6115A
Ported Element
Absolute, Axial Port
482A
MPXAZ6115AC6U
Rails
MPXAZ6115A
Absolute, Axial Port
482A
MPXAZ6115AC6T1
Tape and Reel
MPXAZ6115A
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com