Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 295 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 295 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 291Page - Motorola, Inc MPXM2202AS Datasheet HTML 292Page - Motorola, Inc MPXM2202AS Datasheet HTML 293Page - Motorola, Inc MPXM2202AS Datasheet HTML 294Page - Motorola, Inc MPXM2202AS Datasheet HTML 295Page - Motorola, Inc MPXM2202AS Datasheet HTML 296Page - Motorola, Inc MPXM2202AS Datasheet HTML 297Page - Motorola, Inc MPXM2202AS Datasheet HTML 298Page - Motorola, Inc MPXM2202AS Datasheet HTML 299Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 670 page
background image
MPXAZ6115A SERIES
3–149
Motorola Sensor Device Data
www.motorola.com/semiconductors
SURFACE MOUNTING INFORMATION
MINIMUM RECOMMENDED FOOTPRINT FOR SMALL OUTLINE PACKAGE
Surface mount board layout is a critical portion of the total
design. The footprint for the semiconductor package must
be the correct size to ensure proper solder connection inter-
face between the board and the package. With the correct
pad geometry, the packages will self–align when subjected to
a solder reflow process. It is always recommended to fabri-
cate boards with a solder mask layer to avoid bridging and/or
shorting between solder pads, especially on tight tolerances
and/or tight layouts.
0.660
16.76
0.060 TYP 8X
1.52
0.100 TYP 8X
2.54
0.100 TYP
2.54
0.300
7.62
Figure 5. SOP Footprint (Case 482 and 482A)
inch
mm
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com