Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 299 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 299 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 295Page - Motorola, Inc MPXM2202AS Datasheet HTML 296Page - Motorola, Inc MPXM2202AS Datasheet HTML 297Page - Motorola, Inc MPXM2202AS Datasheet HTML 298Page - Motorola, Inc MPXM2202AS Datasheet HTML 299Page - Motorola, Inc MPXM2202AS Datasheet HTML 300Page - Motorola, Inc MPXM2202AS Datasheet HTML 301Page - Motorola, Inc MPXM2202AS Datasheet HTML 302Page - Motorola, Inc MPXM2202AS Datasheet HTML 303Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 670 page
background image
3–153
Motorola Sensor Device Data
www.motorola.com/semiconductors
High Temperature Accuracy
Integrated Silicon Pressure Sensor
for Measuring Absolute Pressure,
On-Chip Signal Conditioned,
Temperature Compensated
and Calibrated
Motorola’s MPXH6300A series sensor integrates on–chip, bipolar op amp circuitry and
thin film resistor networks to provide a high output signal and temperature compensation.
The small form factor and high reliability of on–chip integration make the Motorola pressure
sensor a logical and economical choice for the system designer.
The MPXH6300A series piezoresistive transducer is a state–of–the–art, monolithic,
signal conditioned, silicon pressure sensor. This sensor combines advanced
micromachining techniques, thin film metallization, and bipolar semiconductor processing to
provide an accurate, high level analog output signal that is proportional to applied pressure.
Figure 1 shows a block diagram of the internal circuitry integrated on a pressure
sensor chip.
Features
• Improved Accuracy at High Temperature
• Available in Small and Super Small Outline Packages
• 1.5% Maximum Error over 0° to 85°C
• Ideally suited for Microprocessor or Microcontroller–Based Systems
• Temperature Compensated from –40° to +125°C
• Durable Thermoplastic (PPS) Surface Mount Package
Application Examples
• Aviation Altimeters
• Industrial Controls
• Engine Control/Manifold Absolute Pressure (MAP)
• Weather Station and Weather Reporting Device Barometers
Figure 1. Fully Integrated Pressure Sensor
Schematic
VS
SENSING
ELEMENT
Vout
GND
THIN FILM
TEMPERATURE
COMPENSATION
AND
GAIN STAGE #1
GAIN STAGE #2
AND
GROUND
REFERENCE
SHIFT CIRCUITRY
PINS 1, 5, 6, 7 AND 8 ARE NO CONNECTS
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPXH6300A
SERIES
INTEGRATED
PRESSURE SENSOR
20 to 304 kPa (3.0 to 42 psi)
0.3 to 4.9 Volts Output
PIN NUMBER
NOTE: Pins 1, 5, 6, 7, and 8 are
internal device connections. Do not
connect to external circuitry or
ground. Pin 1 is denoted by the
chamfered corner of the package.
1
2
3
N/C
VS
Gnd
5
6
7
N/C
N/C
N/C
MPXH6300A6T1
CASE 1317
MPXH6300AC6T1
CASE 1317A
4Vout
8
N/C
SUPER SMALL OUTLINE
PACKAGE
REV 0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com