Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 302 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 302 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 298Page - Motorola, Inc MPXM2202AS Datasheet HTML 299Page - Motorola, Inc MPXM2202AS Datasheet HTML 300Page - Motorola, Inc MPXM2202AS Datasheet HTML 301Page - Motorola, Inc MPXM2202AS Datasheet HTML 302Page - Motorola, Inc MPXM2202AS Datasheet HTML 303Page - Motorola, Inc MPXM2202AS Datasheet HTML 304Page - Motorola, Inc MPXM2202AS Datasheet HTML 305Page - Motorola, Inc MPXM2202AS Datasheet HTML 306Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 670 page
background image
MPXH6300A SERIES
3–156
Motorola Sensor Device Data
www.motorola.com/semiconductors
Transfer Function (MPXH6300A)
Nominal Transfer Value: Vout = VS x (0.00318 x P – 0.00353)
± (Pressure Error x Temp. Factor x 0.00318 x VS)
VS = 5.1 ± 0.36 Vdc
Temperature Error Band
MPXH6300A Series
Break Points
Temp
Multiplier
– 40
3
0 to 85
1
125
3
Temperature in C
°
4.0
3.0
2.0
0.0
1.0
–40
–20
0
20
40
60
140
120
100
80
Temperature
Error
Factor
NOTE: The Temperature Multiplier is a linear response from 0
°C to –40°C and from 85°C to 125°C
Pressure Error Band
Error Limits for Pressure
3.0
2.0
1.0
–1.0
– 2.0
–4.0
0.0
20
Pressure (in kPa)
Pressure
Error (Max)
20 to 304 (kPa)
± 4.0 (kPa)
60
100
4.0
– 3.0
140
180
220
260
300
ORDERING INFORMATION — SUPER SMALL OUTLINE PACKAGE
Device Type
Options
Case No.
MPX Series Order No.
Packing Options
Marking
Basic Element
Absolute, Element Only
1317
MPXH6300A6U
Rails
MPXH6300A
Absolute, Element Only
1317
MPXH6300A6T1
Tape and Reel
MPXH6300A
Ported Element
Absolute, Axial Port
1317A
MPXH6300AC6U
Rails
MPXH6300A
Absolute, Axial Port
1317A
MPXH6300AC6T1
Tape and Reel
MPXH6300A
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com