Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AST1 Datasheet(PDF) 28 Page - Motorola, Inc

Part # MPXM2202AST1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AST1 Datasheet(HTML) 28 Page - Motorola, Inc

Back Button MPXM2202AST1 Datasheet HTML 24Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 25Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 26Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 27Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 28Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 29Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 30Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 31Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 32Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 670 page
background image
1–22
Motorola Sensor Device Data
www.motorola.com/semiconductors
Figure 5. Experimental results for the etching of (100)
silicon with approximately 5x10–5 cm–3 boron
doping density in a commercially available detergent
as a function of temperature and detergent
concentration (which is proportional to pH).
Etch Rate
<= 0.10
<= 0.20
<= 0.30
Prediction
<= 0.40
> 0.40
from Model
10
0
60
70
80
90
100
110
120
20
30
40
50
Contour Plot of Detergent Concentraion and
Temperature vs Etch Rate ( m/hr)
m
ULTRA TIDE CONC (g/l)
Polymer Swelling or Dissolution
Swelling or dissolution affects those polymers typically
employed to package the micromachined structure and
depending on the nature of the media, may have a degrading
effect on device performance. These two related phenomena
are caused by solvent diffusing into the material and
occupying free volume within the polymer. The solubility
parameter gives a quantitative measure of the potential for
swelling [21]: i.e., it provides a quantitative measure of “like
dissolves like” (Fig. 6). Both the polymer and the solution
contribute to this failure mechanism, while the media
(specifically, the solubility parameter), the temperature, and
the pressure can be used as acceleration factors.
Figure 6. Typical values of solubility parameter
(
δ [cal/cm3]1/2) for solvents and polymers.
ISOOCTANE
TOLUENE
ETHANOL
METHANOL
WATER
22.5
20
17.5
15
12.5
10
7.5
Solvents
POLYSULFONE
POLYURETHANE
PET
NYLON
POLY (ACRYLONITRILE)
Polymers
PTFE
PMMA
δ = [cal/cm3]1/2
Figure 7 shows a photograph of a device after exposure to
a harsh fuel containing corrosive water solution. This
corrosion and evidence of swelling of the gel demonstrates the
vital importance the package has on the reliability of the
pressure sensor device. Also, it has been observed that
corrosion occurs more readily following swelling of a
polymeric encapsulant.
Figure 7. Photograph of a pressure sensor device
after extended exposure to harsh fuel containing
corrosive water, followed by exposure to a strong
acid. Evidence of the gel swelling during the test,
and corresponding shrinkage after removal from the
test media can be seen by the gel retracting away
from the sidewall of the package.
INITIAL EDGE
OF GEL
GEL EDGE
AFTER EXPOSURE
TO GASOLINE
WITH ETHANOL
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com