Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA1-MPDCD3 Datasheet(PDF) 2 Page - Crydom Inc.,

Part # DRA1-MPDCD3
Description  DRA1 MP Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DRA1-MPDCD3 Datasheet(HTML) 2 Page - Crydom Inc.,

  DRA1-MPDCD3 Datasheet HTML 1Page - Crydom Inc., DRA1-MPDCD3 Datasheet HTML 2Page - Crydom Inc., DRA1-MPDCD3 Datasheet HTML 3Page - Crydom Inc., DRA1-MPDCD3 Datasheet HTML 4Page - Crydom Inc., DRA1-MPDCD3 Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Do not forget to visit us at: www.crydom.com
Copyright © 2016 Crydom Inc. Specifications subject to change without notice.
Datasheet
DIN Rail Mount
WIRING DIAGRAM
Wiring Diagram (A) AC Output
Wiring Diagram DC Output
4
4
3
2
1
OUTPUT
INPUT
3 +
2
1
LOAD
CONTROL
POWER
(B)
(A) Wiring diagram is identical for each individual section wheter it is a single or four channel assembly.
(B) Load can be placed on either side of “Power”.
Tolerances: ±0.02 in / 0.5 mm
All dimensions are in: inches [millimeters]
MECHANICAL SPECIFICATIONS
MCX/MP Series SSR
2.45
[62.2]
3.53
[89.6]
2.06
[52.3]
1.48
[37.7]
1.71
[43.3]
.39
[10.0]
0.50
[12.7]
0.20
[5.1]
0.40
[10.2]
4
4
3
2
1
OUTPUT
INPUT
3 +
2
1+
+
-
LOAD
CONTROL
(B)
(A)
0.50
[12.7]
0.20
[5.1]
0.40
[10.2]
LOAD



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com