Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX2200DP Datasheet(PDF) 31 Page - Motorola, Inc

Part # MPX2200DP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2200DP Datasheet(HTML) 31 Page - Motorola, Inc

Back Button MPX2200DP Datasheet HTML 27Page - Motorola, Inc MPX2200DP Datasheet HTML 28Page - Motorola, Inc MPX2200DP Datasheet HTML 29Page - Motorola, Inc MPX2200DP Datasheet HTML 30Page - Motorola, Inc MPX2200DP Datasheet HTML 31Page - Motorola, Inc MPX2200DP Datasheet HTML 32Page - Motorola, Inc MPX2200DP Datasheet HTML 33Page - Motorola, Inc MPX2200DP Datasheet HTML 34Page - Motorola, Inc MPX2200DP Datasheet HTML 35Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 670 page
background image
1–25
Motorola Sensor Device Data
www.motorola.com/semiconductors
MEDIA TEST METHODS
Figures 11 and 12 show a test apparatus specifically intended
for use with solvents and Figure 13 an apparatus for aqueous
solutions. This test system has resulted in a realistic test
environment that provides electrical bias,
in situ measurements,
consistent stoichiometry, and temperature control all within a
safe environment. The safety aspects of the testing were
obtained by creating an environment free of oxygen to eliminate
the possibility of a fire. Results from the testing have included
swelling of silicone materials, corrosion, and adhesive failures.
Figure 11. Graphical depiction of the sensor media tester used for liquid or vapor exposure of the device to the
harsh media to accelerate the failure mechanisms or demonstrate compatibility.
CONDENSER COILS
SENSORS
TO AUTOMATIC TEST SYSTEM
LOADING CHAMBER
THERMOCOUPLES
FLUORINATED
HYDROCARBON
LIQUID WITH
EXTERNAL
HEATER
MODULAR TEST
PLATE WITH
O–RING SEAL
TO DRAIN
TO PUMP
FROM PUMP
TANK
1
TANK
2
V
A
P
O
R
L
I
Q
U
I
D
LID
ELECTRICAL
CONNECTIONS
WITH VOLTAGE AND CURRENT
LINKING PROTECTION
POROUS NITROGEN
PURGE LINES
Figure 12. Photograph of the load chamber area of the Media Test System allowing for fuel or solvent testing at
temperature with
in situ monitoring of the devices under test (DUT’s) output.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com