Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5613 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N5613
Description  Bipolar PNP Device
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N5613 Datasheet(HTML) 1 Page - Seme LAB

  2N5613 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N5613
Bipolar PNP Device.
V
CEO =
60V
I
C = 5A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications.
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
60
V
I
C(CONT)
5
A
h
FE
@ 5/2.5 (V
CE / IC)
70
200
-
f
t
70M
Hz
P
D
50
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
31-Jul-02
TO3 (TO204AA)
PINOUTS
1 – Base
2 – Emitter
Case - Collector
Bipolar PNP Device in a
Hermetically sealed TO3
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
12
3
(case)
25.15 (0.99)
26.67 (1.05)
10.67 (0.42)
11.18 (0.44)
3.84 (0.151)
4.09 (0.161)
7.92 (0.312)
12.70 (0.50)
6.35 (0.25)
9.15 (0.36)
1.52 (0.06)
3.43 (0.135)


Similar Part No. - 2N5613

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2N5613 ISC-2N5613 Datasheet
132Kb / 3P
Silicon PNP Power Transistors
logo
Savantic, Inc.
2N5613 SAVANTIC-2N5613 Datasheet
111Kb / 3P
Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2N5613 NJSEMI-2N5613 Datasheet
233Kb / 2P
POWER TRANSISTOR
logo
Savantic, Inc.
2N5613 SAVANTIC-2N5613 Datasheet
112Kb / 3P
Silicon PNP Power Transistors
More results

Similar Description - 2N5613

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SF_2N4928 SEME-LAB-SF_2N4928 Datasheet
11Kb / 1P
Bipolar PNP Device
SF_2N5333 SEME-LAB-SF_2N5333 Datasheet
11Kb / 1P
Bipolar PNP Device
SF_2N6468 SEME-LAB-SF_2N6468 Datasheet
10Kb / 1P
Bipolar PNP Device
SF_BUX66 SEME-LAB-SF_BUX66 Datasheet
11Kb / 1P
Bipolar PNP Device
SF_2N6467 SEME-LAB-SF_2N6467 Datasheet
10Kb / 1P
Bipolar PNP Device
SF_BDX16A SEME-LAB-SF_BDX16A Datasheet
11Kb / 1P
Bipolar PNP Device
SF_BDX66 SEME-LAB-SF_BDX66 Datasheet
11Kb / 1P
Bipolar PNP Device
2N6227 SEME-LAB-2N6227 Datasheet
11Kb / 1P
Bipolar PNP Device
BDX86 SEME-LAB-BDX86 Datasheet
11Kb / 1P
Bipolar PNP Device
BUX78 SEME-LAB-BUX78 Datasheet
11Kb / 1P
Bipolar PNP Device
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com