Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP8050 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BCP8050
Description  1.5A, 40V NPN Epitaxial Planar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BCP8050 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BCP8050 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BCP8050 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
BCP8050
1.5A, 40V
NPN Epitaxial Planar Transistor
23-Sep-2014 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
3
Emitter
Collector
24
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The BCP8050 is suited for the output stage of audio,
voltage regulator, and relay driver.
MARKING
CLASSIFICATION OF hFE
Product Rank
BCP8050-C
BCP8050-D
Range
120~200
160~300
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-89
1K
7’ inch
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCEO
25
V
Emitter-Base Voltage
VEBO
5
V
Collector Current -Continuous
IC
1.5
A
Total Power Dissipation
PD
0.5
W
Junction & Storage temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-base breakdown voltage
V(BR)CBO
40
-
-
V
IC=100µA, IE=0
Collector-emitter breakdown
voltage
V(BR)CEO
25
-
-
V
IC=0.1mA, IB=0
Emitter-base breakdown voltage
V(BR)EBO
5
-
-
V
IE=100µA, IC=0
Collector cut-off current
ICBO
-
-
-
0.1
µ
A
VCB=40V, IE=0
Emitter cut-off current
ICEO
-
-
0.1
µ
A
VCE=20V, IE=0
Emitter cut-off current
IEBO
-
-
0.1
µ
A
VEB=5V, IC=0
120
-
300
VCE=1V, IC= 0.1A
DC current gain
hFE
40
-
-
VCE=1V, IC= 0.8A
Collector-emitter saturation voltage
VCE(sat)
-
-
0.5
V
IC=800mA, IB=80mA
Base-emitter saturation voltage
VBE(sat)
-
-
1.2
V
IC=800mA, IB=80mA
Base-emitter voltage
VBE
-
-
1
V
VCE=1V, IC=10mA
Base-emitter positive favor voltage
VBEF
-
-
1.55
V
IB=1A
Transition frequency
f T
-
100
-
MHz
VCE=10V, IC=50mA, f=30MHz
Output Capacitance
COB
-
15
-
pF
VCB=10V, IE=0, f=1MHz
SOT-89
A
E
C
D
B
K
H
F
G
L
J
1
2
3
4
Y1
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.60
G
0.40
0.58
B
3.94
4.25
H
1.50
TYP
C
1.40
1.60
J
3.00
TYP
D
2.30
2.60
K
0.32
0.52
E
1.50
1.70
L
0.35
0.44
F
0.89
1.2
0


Similar Part No. - BCP8050

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCP8050 SECOS-BCP8050_15 Datasheet
421Kb / 2P
NPN Epitaxial Planar Transistor
More results

Similar Description - BCP8050

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
SeCoS Halbleitertechnol...
2SD1766 SECOS-2SD1766 Datasheet
248Kb / 2P
2A, 40V NPN Epitaxial Planar Transistor
BCP3906 SECOS-BCP3906 Datasheet
79Kb / 1P
-0.2A, -40V PNP Epitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com