Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD136 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # BD136
Description  PNP General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BD136 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  BD136 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BD136 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BD136 / BD138 / BD140
PNP General Purpose Transistor
Elektronische Bauelemente
29-Mar-2012 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector - Base Breakdown
Voltage
BD136
V(BR)CBO
-45
-
-
V
IC= -0.1mA, IE=0
BD138
-60
-
-
BD140
-80
-
-
Collector-emitter sustaining
voltage
1
BD136
VCEO(SUS)
-45
-
-
V
IC= -0.03A, IB=0
BD138
-60
-
-
BD140
-80
-
-
Emitter - Base Breakdown Voltage
V(BR)EBO
-5
-
-
V
IC=0, IE= -0.1mA
Collector Cut - Off Current
ICBO
-
-
-0.1
µA
VCB= -30V, IE= 0
Emitter Cut-Off Current
IEBO
-
-
-10
µA
VEB= -5V, IC= 0
DC Current Gain
1
hFE
40
-
250
VCE= -2V, IC= -150mA
25
-
-
VCE= -2V, IC= -5mA
25
-
-
VCE= -2V, IC= -500mA
Collector - Emitter Saturation Voltage
1
VCE(sat)
-
-
-0.5
V
IC= -500mA, IB = -50mA
Base – Emitter Voltage
1
VBE
-
-
-1
V
VCE= -2V, IC= -500mA
Note:
1.
Pulse test: pulse width ≤350µs, duty cycle≤ 2.0%.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com