Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMH3 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # EMH3
Description  Dual NPN Digital Transistors(Built-in Resistors)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

EMH3 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  EMH3 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH EMH3 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
EMH3
Dual NPN Digital Transistors
(Built-in Resistors)
28-Mar-2016 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Two DTC143T chips in a UMT package.
The elements of transistors are independent without
interference.
With this package, the mounting cost and space can
be cut into half.
EQUIVALENT CIRCUIT
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-563
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (T
A=25°C)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V(BR)CBO
50
V
Collector-Emitter Voltage
V(BR)CEO
50
V
Emitter-Base Voltage
V(BR)EBO
5
V
Collector Current
IC
100
mA
Collector Power Dissipation
PC
150
mW
Junction and Storage Temperature
TJ, TSTG
150, -55~150
°C
ABSOLUTE MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (T
A=25°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Collector-Base Breakdown Voltage
V(BR)CBO
50
-
-
IC=50µA, IE=0
Collector-Emitter Breakdown Voltage
V(BR)CEO
50
-
-
V
IC=1mA, IB=0
Emitter-Base Breakdown Voltage
V(BR)EBO
5
-
-
V
IE=50µA, IC=0
Collector Cut-Off Current
ICBO
-
-
500
nA
VCB=50V, IE=0
Emitter Cut-Off Current
IEBO
-
-
500
nA
VEB=4V, IC=0
Collector-Emitter Saturation Voltage
VCE(sat)
-
-
0.3
V
IC=5mA, IB=0.25mA
DC Current Transfer Ration
hFE
100
-
600
VCE=5V, IC=1mA
Input Resistance
R1
3.29
4.7
6.11
K
Transition Frequency
fT
-
250
-
MHz
VCE=10V, IE= -5mA, f=100MHz
SOT-563
H3
E
F
J
B
C
D
G
A
H
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.50
1.70
F
0.09
0.16
B
1.50
1.70
G
0.45
0.55
C
0.525
0.60
H
0.17
0.27
D
1.10
1.30
J
0.10
0.30
E
-
0.05


Similar Part No. - EMH3

ManufacturerPart #DatasheetDescription
logo
Rohm
EMH3 ROHM-EMH3 Datasheet
189Kb / 2P
General purpose (dual digital transistors)
logo
Shenzhen Jin Yu Semicon...
EMH3 HTSEMI-EMH3 Datasheet
481Kb / 1P
DIGITAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
EMH3 JIANGSU-EMH3 Datasheet
1Mb / 4P
Dual Digital Transistors (NPNNPN)
logo
Rohm
EMH3 ROHM-EMH3 Datasheet
1Mb / 10P
General purpose (dual digital transistor)
logo
XP Power Limited
EMH350PD21-U XPPOWER-EMH350PD21-U Datasheet
1Mb / 9P
250/350 Watts EMH Series
More results

Similar Description - EMH3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DTC144WS3 CYSTEKEC-DTC144WS3 Datasheet
155Kb / 4P
NPN Digital Transistors (Built-in Resistors)
DTD143EN3 CYSTEKEC-DTD143EN3 Datasheet
154Kb / 4P
NPN Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTC143XE SECOS-DTC143XE Datasheet
200Kb / 2P
NPN Digital Transistors (Built-in Resistors)
DTC143XE SECOS-DTC143XE_12 Datasheet
156Kb / 2P
NPN Digital Transistors(Built-in Resistors)
UMH13N SECOS-UMH13N Datasheet
136Kb / 1P
Dual NPNPNP Digital Transistors (Built-in Resistors)
logo
Cystech Electonics Corp...
DTC143EN3 CYSTEKEC-DTC143EN3_11 Datasheet
248Kb / 6P
NPN Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
EMG11 SECOS-EMG11_18 Datasheet
73Kb / 1P
Dual NPN Digital Transistors (Built-in Resistors)
logo
First Silicon Co., Ltd
EMD10 FS-EMD10 Datasheet
528Kb / 4P
Dual NPNPNP Digital transistors (built-in resistors)
EMD12 FS-EMD12 Datasheet
538Kb / 5P
Dual NPNPNP Digital transistors (built-in resistors)
EMG8 FS-EMG8 Datasheet
651Kb / 5P
Dual NPNNPN Digital transistors (built-in resistors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com