Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZD84C13 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # BZD84C13
Description  300 mW SOT-23 Series Dual Zener Voltage Regulator Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BZD84C13 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  BZD84C13 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BZD84C13 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BZD84C13 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Elektronische Bauelemente
BZD84Cxxx Series
300 mW SOT-23 Series
Dual Zener Voltage Regulator Diodes
01-June-2007 Rev. C
Page 3 of 3
CHARACTERISTIC CURVES
T , Ambient Temperature, (°C)
Fig. 1 Power Derating Curve
A
200
100
300
0
400
0
100
200
0
10
20
30
40
50
01
2
3
4
5
6
7
89
10
V , ZENER VOLTAGE (V)
Fig. 2 Typical Zener Breakdown Characteristics
Z
0
10
20
30
0
V, ZENER VOLTAGE (V)
Fig. 3 Typical Zener Breakdown Characteristics
Z
10
20
30
40
T = 25°C
J
Test Current I
5mA
Z
C10
C12
C18
C22
C27
C33
C36
C15
0
2
4
6
8
10
10
0
20 3040
50 60
70
8090 100
V , ZENER VOLTAGE (V)
Fig. 4 Typical Zener Breakdown Characteristics
Z
10
100
1,000
10
100
1
V , NOMINAL ZENER VOLTAGE (V)
Fig. 5 Typical Total Capacitance vs. Nominal Zener Voltage
Z
T= 25 °C
J
V
= 1V
R
V
= 2V
R
V
= 1V
R
V
= 2V
R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com