Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX784B20 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # BZX784B20
Description  100mW, SOD-723 Surface Mount Zener Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BZX784B20 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  BZX784B20 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BZX784B20 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
BZX784B Series
100mW, SOD-723
Surface Mount Zener Diodes
25-Jun-2014 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Zener Voltage Range
Maximum Zener
Impedance
Maximum
Reverse
Leakage Current
Typical
Temperature
Coefficent
VZ@IZT
IZT
ZZT@IZT ZZK@IZK
IZK
IR@VR
@IZT=5mA
mV/°C
Type Number
Marking
Min.(V)
Nom.(V)
Max.(V)
mA
mA
µA
V
Min.
Max.
BZX784B5V1
X2
5
5.1
5.2
5
60
480
1
2
2
-2.7
1.2
BZX784B5V6
X3
5.49
5.6
5.71
5
40
400
1
1
2
-2
2.5
BZX784B6V2
X4
6.08
6.2
6.32
5
10
150
1
3
4
0.4
3.7
BZX784B6V8
X5
6.66
6.8
6.94
5
15
80
1
2
4
1.2
4.5
BZX784B7V5
X6
7.35
7.5
7.65
5
15
80
1
1
5
2.5
5.3
BZX784B8V2
X7
8.04
8.2
8.36
5
15
80
1
0.7
5
3.2
6.2
BZX784B9V1
X8
8.92
9.1
9.28
5
15
100
1
0.5
6
3.8
7
BZX784B10
X9
9.8
10
10.2
5
20
150
1
0.2
7
4.5
8
BZX784B11
W1
10.78
11
11.22
5
20
150
1
0.1
8
5.4
9
BZX784B12
W2
11.76
12
12.24
5
25
150
1
0.1
8
6
10
BZX784B13
W3
12.74
13
13.26
5
30
170
1
0.1
8
7
11
BZX784B15
W4
14.7
15
15.3
5
30
200
1
0.1
10.5
9.2
13
BZX784B16
W5
15.68
16
16.32
5
40
200
1
0.1
11.2
10.4
14
BZX784B18
W6
17.64
18
18.36
5
45
225
1
0.1
12.6
12.4
16
BZX784B20
W7
19.6
20
20.4
5
55
225
1
0.1
14
14.4
18
Note:
1. Valid provided that device terminals are kept at ambient temperature.
2. Tested with pulses, period=5ms,pulse width =300us.
3. f = 1KHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com