Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5508WSC Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT5508WSC
Description  Speaker Amplifier with Speaker Protection
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5508WSC Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT5508WSC Datasheet HTML 9Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 10Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 11Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 12Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 13Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 14Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 15Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 16Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
RT5508
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS5508-01
March
2017
www.richtek.com
13
Operation Mode Modes
The RT5508 can operate in six different modes which
are
power-down/suspend/operating/mute/off/fault.
Internal functional block operational status in different
mode is depicted in Figure 5.
PLL
I2C
I2S
AMP
SPK
PWDN
OP
MUTE
OFF
FAULT
Mode
Blk
SUSP
: Normal operation
: Operational with zero input
: Power down
: Output floating
Figure 5. Operation Mode
Power-Down mode (PWDN = 1)
When PWDN is set to 1, chip will enter power-down
mode.
In power-down mode, power consumption is minimum
and PWM outputs are floating.
I2C remains awake in power-down mode.
If PWDN is set to 1, I2S is also disabled.
Suspend mode (BCK/LRCK Invalid)
When BCK/LRCK is invalid, chip will enter suspend
mode.
In suspend mode, most of the data path are off, and
PWM outputs are floating.
I2C remains awake in power-down mode.
PLL keeps awake used to monitor BCK/LRCK on I2S
bus to see if they are correct.
Operating mode (PWDN = 0, SPKE = 1, SPKM = 0,
AMPE = 1)
Operating
mode
is
selected
via
PWDN/SPKE/
SPKM/AMPE at register 0xXX. One of I2S interface
(DATA1/DATA2) is selected as the audio source. In
operating mode, the frequency of LRCK should be the
same as I2SFS.
Mute mode (PWDN = 0, SPKE = 1, SPKM = 1, AMPE
= 1)
Soft muting is used to prevent pop noise and is
implemented in the speaker protection block when
SPKE set to logic 1. Ramp up/down in exponential
scale are implemented when switching between muted
and unmuted mode.
Off mode (PWDN = 0, SPKE = 1, AMPE = 0)
The outputs of class-D are floating and chip is biased in
off mode.
Soft mute can be executed if AMPDS at register 0xXX
equals to 1 before chip enters off mode.
Fault Mode
Chip enters fault mode when an error event of physical
protection mechanisms occurs (OCP/OVP/UVP/OTP).
The outputs of class-D are floating in Fault mode. The
system exits from Fault mode after the protection event
released for a checking cycle of about 200ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com