Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5509 Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT5509
Description  Speaker Amplifier with Speaker Protection
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5509 Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT5509 Datasheet HTML 17Page - Richtek Technology Corporation RT5509 Datasheet HTML 18Page - Richtek Technology Corporation RT5509 Datasheet HTML 19Page - Richtek Technology Corporation RT5509 Datasheet HTML 20Page - Richtek Technology Corporation RT5509 Datasheet HTML 21Page - Richtek Technology Corporation RT5509 Datasheet HTML 22Page - Richtek Technology Corporation RT5509 Datasheet HTML 23Page - Richtek Technology Corporation RT5509 Datasheet HTML 24Page - Richtek Technology Corporation RT5509 Datasheet HTML 25Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
RT5509
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS5509-00
August
2017
www.richtek.com
21
Audio Output
Compress
ion Filter
Attack/De
cay Filter
Energy
Filter.
Gain
Audio Input
AE
1-AE
AA
1-AA
AD
1-AD
∑
ω
Z
-1
Alpha Filter Structure
Note :Ω = 1-α
Figure 15. DRC Structure and Signal Processing Path
Speaker Protection Functions
Excursion
Predict
stereo gain in
stereo gain out
data in
data out
(from DSP)
(to clipper)
Sig = u
Pilot
Data path
Control path
Lookahead buffer
Signal
Detect
ALC /Lmt
Gain Gen.
Gain Combining
Signal
Volume
Gain Gen.
Excur.
SI
DCR
Calc.
Excursion Response
i_fb
VBAT
Clip
Ctrl
DC resistance
Maximum Signal Voltage
Figure 16. Block Diagram of SPK Protection Function
The following sub-clauses explain the function of each
sub-block.
Look-Ahead Delay Buffer
Look-ahead delay can be programed from 0 up to 480
samples, which is up to 10ms at 48k sampling rate.
This delay should contain stereo gain synchronization
delay.
Gain Processing on the Data Path
The level control, limiting for protection, and the volume
control are implemented by multiplying the signal on
the data path, with the gain generated from the control
path.
Pilot
The pilot signal, with constant magnitude (30mV) is
added at the last stage of data path. The frequency of
pilot is fixed fp = 50Hz. The pilot is disabled at



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com