Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9737WSC Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9737WSC
Description  5V Capable Low-Voltage DPDT Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9737WSC Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9737WSC Datasheet HTML 1Page - Richtek Technology Corporation RT9737WSC Datasheet HTML 2Page - Richtek Technology Corporation RT9737WSC Datasheet HTML 3Page - Richtek Technology Corporation RT9737WSC Datasheet HTML 4Page - Richtek Technology Corporation RT9737WSC Datasheet HTML 5Page - Richtek Technology Corporation RT9737WSC Datasheet HTML 6Page - Richtek Technology Corporation RT9737WSC Datasheet HTML 7Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RT9737
Copyright © 2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS9737-00
February
2014
www.richtek.com
3
Absolute Maximum Ratings
(Note 1)
VDDEN, INA1, INA2, INB1, INB2, OUTA, OUTB, SEL-------------------------------------------------
0.3 to 6V
Power Dissipation, PD @ TA = 25C
WL-CSP-9B 1.24x1.24 (BSC)-------------------------------------------------------------------------------- 1.28W
Package Thermal Resistance
(Note 2)
WL-CSP-9B 1.24x1.24 (BSC),
JA ------------------------------------------------------------------------ 78.1°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------- 260
C
Junction Temperature ----------------------------------------------------------------------------------------- 150
C
Storage Temperature Range --------------------------------------------------------------------------------
65C to 150C
ESD Susceptibility
(Note 3)
HBM (Human Body Model) ----------------------------------------------------------------------------------- 2kV
MM (Machine Model)------------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, VDDEN-------------------------------------------------------------------------------- 2.5V to 5.5V
Junction Temperature Range---------------------------------------------------------------------------------
40C to 125C
Ambient Temperature Range ---------------------------------------------------------------------------------
40C to 85C
Electrical Characteristics
(VDDEN = 2.5V, CVDDEN = 0.1μF, TA= 25C, for each LDO unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max Unit
Power Supply
Power Supply Range
VDDEN
2.5
--
5.5
V
Power Supply Rejection Ratio PSRR
Vp-p = 200mV, f = 20kHz, RL = 32
(Note 5)
--
80
--
dB
Quiescent Current
IQ
VDDEN = 2.5V to 5.5V
--
40
60
A
Analog Switch
Input Signal Range
0
--
5.5
V
Turn-On Resistance
RDS(ON)
VDDEN = 2.5V, OUT = 0V, IOUT =100mA
--
90
125
m
VDDEN = 3.6V, OUT = 0V, IOUT= 100mA
--
70
100
m
Off-State Leakage Current
INA, INB, OUTA, OUTB, VDDEN = 5.5V
--
1.2
1.5
A
INA, INB, OUTA, OUTB = 5.5V, VDDEN = 0V
0.12
0.2
A
Turn-On Time
tON
INA, INB = 0V
--
5
10
ms
Turn-Off Time
tOFF
INA, INB = 0V
(Note 5)
--
--
100
s
Break-Before-Make Time
tBBM
INA, INB = 0V
--
5
10
ms
Off-Isolation
(Note 5)
VDDEN = 0V, RL = 50, INA/INB = 0.5Vpp,
20kHz
--
50
--
dB
Crosstalk
(Note 5)
RL = 50, INA/INB = 0.5Vpp, 20kHz
--
80
--
dB
THD+N
(Note 5)
RL = 50, INA/INB = 0.5Vpp, 1kHz, DC bias =
0.25V
--
0.001
--
%
-3dB Bandwidth
(Note 5)
RL = 50
--
2
--
MHz
INA/INB Capacitance
INA /INB = 0.5VP-P, f = 1MHz (Note 5)
--
70
--
pF
OUTA/OUTB Capacitance
INA /INB = 0.5VP-P, f = 1MHz (Note 5)
--
120
--
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com