Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9746AWSC Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9746AWSC
Description  VBUS OVP with a PTVS Diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9746AWSC Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9746AWSC Datasheet HTML 2Page - Richtek Technology Corporation RT9746AWSC Datasheet HTML 3Page - Richtek Technology Corporation RT9746AWSC Datasheet HTML 4Page - Richtek Technology Corporation RT9746AWSC Datasheet HTML 5Page - Richtek Technology Corporation RT9746AWSC Datasheet HTML 6Page - Richtek Technology Corporation RT9746AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT9746AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT9746AWSC Datasheet HTML 9Page - Richtek Technology Corporation RT9746AWSC Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
RT9746
7
DS9746-00 March 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Time (10
μs/Div)
80V Surge with RT9746
VIN
(20V/Div)
Time (10
μs/Div)
80V Surge without RT9746
VIN
(20V/Div)
Time (5ms/Div)
Power Up
VOUT
(2V/Div)
VIN
(2V/Div)
VIN = 5V, IOUT = 0A, CL = 1000
μF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com