Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT3904M Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT3904M
Description  0.2A, 60V NPN Plastic Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT3904M Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBT3904M Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT3904M Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMBT3904M
0.2A, 60V
NPN Plastic Encapsulated Transistor
Elektronische Bauelemente
17-Jun-2016 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
2
Emitter
Collector
3
1N
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Small package
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-723
8K
7 inch
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
40
V
Emitter to Base Voltage
VEBO
6
V
Continuous Collector Current
IC
200
mA
Power Dissipation
PC
100
mW
Thermal Resistance from Junction to Ambient
R
θJA
1250
°C/ W
Junction, Storage Temperature
TJ, TSTG
150, -55 ~ 150
°C
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Collector to Base Breakdown Voltage
V(BR)CBO
60
-
-
V
IC=10
µA, I
E=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
40
-
-
V
IC=1mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
6
-
-
V
IE=10
µA, I
C=0
Collector Cut-Off Current
ICEX
-
-
50
nA
VCE=30V, VBE(off)= -3V
Emitter Cut-Off Current
IEBO
-
-
100
nA
VEB=5V, IC=0
DC Current Gain
hFE
40
-
-
VCE=1V, IC=0.1mA
70
-
-
VCE=1V, IC=1mA
100
-
300
VCE=1V, IC=10mA
60
-
-
VCE=1V, IC=50mA
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
0.2
V
IC=10mA, IB=1mA
-
-
0.3
IC=50mA, IB=5mA
Base to Emitter Saturation Voltage
VBE(sat)
0.65
-
0.85
V
IC=10mA, IB=1mA
-
-
0.95
IC=50mA, IB=5mA
Transition Frequency
fT
-
300
-
MHz VCE=20V, IC=10mA, f=100MHz
Output Capacitance
Cob
-
4
-
pF
VCB=5V, IE=0, f=1MHz
Input Capacitance
Cib
-
8
-
pF
VEB=0.5V, IC=0, f=1MHz
Noise Figure
NF
-
5
-
dB
VCE=5V, IC=0.1mA, f=100MHz,
RS=1k
Delay Time
td
-
35
-
ns
VCC=3V, VBE(off)= -0.5V,
IC=10mA, IB1=1mA
Rise Time
tr
-
35
-
Storage Time
ts
-
200
-
VCC=3V, IC=10mA,
IB1=IB2=1mA
Fall Time
tf
-
50
-
SOT-723
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.150
1.250
F
0.170
0.270
B
0.750
0.850
G
0.270
0.370
C
-
0.500
H
0
0.050
D
1.150
1.250
I
-
0.150
E
0.800TYP.


Similar Part No. - MMBT3904M

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
MMBT3904M JIANGSU-MMBT3904M Datasheet
146Kb / 3P
TRANSISTOR
logo
Jiangsu High diode Semi...
MMBT3904M HDSEMI-MMBT3904M Datasheet
2Mb / 4P
SOT-723 Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
MMBT3904M MCC-MMBT3904M Datasheet
635Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
TECH PUBLIC Electronics...
MMBT3904M TECHPUBLIC-MMBT3904M Datasheet
1Mb / 4P
TRAN (NPN) SISTOR (NPN)
logo
SeCoS Halbleitertechnol...
MMBT3904M-C SECOS-MMBT3904M-C Datasheet
303Kb / 2P
NPN Plastic Encapsulated Transistor
More results

Similar Description - MMBT3904M

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
NPN Plastic Encapsulated Transistor
3DD13001 SECOS-3DD13001 Datasheet
535Kb / 2P
0.2A , 600V NPN Plastic-Encapsulated Transistor
2SC4738 SECOS-2SC4738 Datasheet
277Kb / 2P
0.15A , 60V NPN Plastic Encapsulated Transistor
KTC3875 SECOS-KTC3875 Datasheet
595Kb / 3P
0.15A , 60V NPN Plastic Encapsulated Transistor
2SC2688 SECOS-2SC2688 Datasheet
311Kb / 2P
0.2A, 300V NPN Plastic Encapsulated Transistor
BCP3904 SECOS-BCP3904 Datasheet
79Kb / 1P
0.2A, 60V NPN Epitaxial Planar Transistor
MMDT3904V SECOS-MMDT3904V Datasheet
350Kb / 2P
0.2A, 60V Dual P Plastic-Encapsulated Transistors
MPS750 SECOS-MPS750 Datasheet
67Kb / 1P
-2A , -60V PNP Plastic Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com