Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ52XXB Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBZ52XXB
Description  300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBZ52XXB Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MMBZ52XXB Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBZ52XXB Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBZ52XXB Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMBZ52XXB Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH MMBZ52XXB Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Elektronische Bauelemente
MMBZ52xxB Series
300 mW SOT-23 Series
Surface Mount Zener Voltage Regulator Diodes
05-Aug-2011 Rev. D
Page 2 of 5
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL RATINGS (Rating 25°C ambient temperature unless otherwise specified)
Nominal Zener Voltage
Max. Zener Impedance
Max. Reverse
Leakage Current
VZ @ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
Part
Number
Marking
Code
Nom (V)
Min (V)
Max (V)

mA
mA
A
V
300 mW Zener Diodes
MMBZ5221B
C1 / KC1 / 18A
2.4
2.28
2.52
30
20.0
1200
0.25
100
1.0
MMBZ5222B
C2 / KC2 / 18B
2.5
2.38
2.63
30
20.0
1250
0.25
100
1.0
MMBZ5223B
C3 / KC3 / 18C
2.7
2.57
2.84
30
20.0
1300
0.25
75
1.0
MMBZ5224B
18D
2.8
2.66
2.94
30
20.0
1400
0.25
75
1.0
MMBZ5225B
C5 / KC5 / 18E
3
2.85
3.15
30
20.0
1600
0.25
50
1.0
MMBZ5226B
D1 / KG1 / 8A
3.3
3.14
3.47
28
20.0
1600
0.25
25
1.0
MMBZ5227B
D2 / KG2 / 8B
3.6
3.42
3.78
24
20.0
1700
0.25
15
1.0
MMBZ5228B
D3 / KG3 / 8C
3.9
3.71
4.10
23
20.0
1900
0.25
10
1.0
MMBZ5229B
D4 / KG4 / 8D
4.3
4.09
4.52
22
20.0
2000
0.25
5.0
1.0
MMBZ5230B
D5 / KG5 / 8E
4.7
4.47
4.94
19
20.0
1900
0.25
5.0
2.0
MMBZ5231B
E1 / KE1 / 8F
5.1
4.85
5.36
17
20.0
1600
0.25
5.0
2.0
MMBZ5232B
E2 / KE2 / 8G
5.6
5.32
5.88
11
20.0
1600
0.25
5.0
3.0
MMBZ5233B
E3 / KE3 / 8H
6
5.7
6.3
7
20.0
1600
0.25
5.0
3.5
MMBZ5234B
8J / KE4 / 8J
6.2
5.89
6.51
7
20.0
1000
0.25
5.0
4.0
MMBZ5235B
E5 / KE5 / 8K
6.8
6.46
7.14
5
20.0
750
0.25
3.0
5.0
MMBZ5236B
F1 / KF1 / 8L
7.5
7.13
7.88
6
20.0
500
0.25
3.0
6.0
MMBZ5237B
F2 / KF2 / 8M
8.2
7.79
8.61
8
20.0
500
0.25
3.0
6.0
MMBZ5238B
F3 / KF3 / 8N
8.7
8.27
9.14
8
20.0
600
0.25
3.0
6.5
MMBZ5239B
F4 / KF4 / 8P
9.1
8.65
9.56
10
20.0
600
0.25
3.0
6.5
MMBZ5240B
F5 / KF5 / 8Q
10
9.50
10.50
17
20.0
600
0.25
3.0
8.0
MMBZ5241B
H1 / KH1 / 8R
11
10.45
11.55
22
20.0
600
0.25
3.0
8.4
MMBZ5242B
H2 / KH2 / 8S
12
11.40
12.60
30
20.0
600
0.25
2.0
9.1
MMBZ5243B
H3 / KH3 / 8T
13
12.35
13.65
13
9.5
600
0.25
1.0
9.9
MMBZ5244B
8U
14
13.30
14.70
15
9
600
0.25
0.1
10
MMBZ5245B
H5 / KH5 / 8V
15
14.25
15.75
16
8.5
600
0.25
0.5
11.0
MMBZ5246B
J1 / KJ1 / 8W
16
15.20
16.80
17
7.8
600
0.25
0.1
12.0
MMBZ5247B
J2 / 8X
17
16.15
17.85
19
7.4
600
0.25
0.1
13.0
MMBZ5248B
J3 / KJ3 / 8Y
18
17.10
18.90
21
7.0
600
0.25
0.1
14.0
MMBZ5249B
J4 / 8Z
19
18.05
19.95
23
6.6
600
0.25
0.1
14.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com