Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2300 Datasheet(PDF) 21 Page - Texas Instruments

Part # TSC2300
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2300 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TSC2300 Datasheet HTML 17Page - Texas Instruments TSC2300 Datasheet HTML 18Page - Texas Instruments TSC2300 Datasheet HTML 19Page - Texas Instruments TSC2300 Datasheet HTML 20Page - Texas Instruments TSC2300 Datasheet HTML 21Page - Texas Instruments TSC2300 Datasheet HTML 22Page - Texas Instruments TSC2300 Datasheet HTML 23Page - Texas Instruments TSC2300 Datasheet HTML 24Page - Texas Instruments TSC2300 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 81 page
background image
www.ti.com
TSC2300
SLAS372 — NOVEMBER 2002
In modes where the TSC2300 needs to detect if the screen is still touched (for example, when doing a
PENIRQ-initiated X, Y, and Z conversion), the TSC2300 must reconnect the drivers so that the 50-k
Ω resistor is
connected again. Because of the high value of this pullup resistor, any capacitance on the touch screen inputs cause a
long delay time, and may prevent the detection from occurring correctly. To prevent this, the TSC2300 has a circuit
which allows any screen capacitance to be precharged through a low-resistance connection to VDD, so that the pullup
resistor doesn’t have to be the only source for the charging current. The time allowed for this precharge, as well as the
time needed to sense if the screen is still touched, can be set in the configuration control register. All other drivers
(X-,Y+, Y-) are off during precharging.
This does point out, however, the need to use the minimum capacitor values possible on the touch screen inputs.
These capacitors may be needed to reduce noise, but too large a value increases the needed precharge and sense
times, as well as panel voltage stabilization time.
In self-controlled modes where the TSC2300 automatically performs conversions when it detects a pen touch, it is
generally not necessary for the host processor to monitor PENIRQ. Instead, the host should monitor DAV, which goes
low when data is available in the appropriate data register, and returns high when all new data has been read back by
the host.
DIGITAL INTERFACE
The TSC2300 communicates through a standard SPI bus. The SPI allows full-duplex, synchronous, serial
communication between a host processor (the master) and peripheral devices (slaves). The SPI master generates the
synchronizing clock and initiates transmissions. The SPI slave devices depend on a master to start and synchronize
transmissions.
A transmission begins when initiated by a SPI master. The byte from the SPI master begins shifting in on the slave
MOSI pin under the control of the master serial clock. As the byte shifts in on the MOSI pin, a byte shifts out on the
MISO pin to the master shift register.
The idle state of the serial clock for the TSC2300 is LOW, which corresponds to a clock polarity setting of 0 (typical
microprocessor SPI control bit CPOL = 0). The TSC2300 interface is designed so that with a clock phase bit setting of
1 (typical microprocessor SPI control bit CPHA = 1), the master begins driving its MOSI pin and the slave begins
driving its MISO pin on the first serial clock edge. The SS pin can remain low between transmissions; however, the
TSC2300 only interprets the first 16 bits transmitted after the falling edge of SS as a command word, and the next 16
bits as a data word only if writing to a register. Reserved register bits should be written to their default values (see
Table 5).
TSC2300 Communication Protocol
The TSC2300 is entirely controlled by registers. Reading and writing these registers is accomplished by the use of a
16-bit command, which is sent prior to the data for that register. The command is constructed as shown in Table 3.
The command word begins with an R/W bit, which specifies the direction of data flow on the serial bus. The following 4
bits specify the page of memory this command is directed to, as shown in Table 2. The next six bits specify the register
address on that page of memory to which the data is directed. The last five bits are reserved for future use.
Table 2. Page Addressing
PG3
PG2
PG1
PG0
PAGE ADDRESSED
0
0
0
0
0
0
0
0
1
1
0
0
1
0
2
0
0
1
1
reserved
0
1
0
0
reserved
0
1
0
1
reserved
0
1
1
0
reserved
0
1
1
1
reserved
1
0
0
0
reserved
1
0
0
1
reserved
1
0
1
0
reserved
1
0
1
1
reserved
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com