Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL330 Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # ASL330
Description  Wideband Linear Amplifier MMIC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL330 Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  ASL330 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL330 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL330 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL330 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL330 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL330 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL330 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL330 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL330 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4/10
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7223
June 2017
ASL330
Wideband Linear Amplifier MMIC
.
1) OIP3 and OIP2 are measured with two tones at an output power of +5 dBm/tone
separated by 6 MHz.
2) OIP2 is measured at F1+F2 Frequency.
3) 160 channels, +20 dBmV per channel (measured at output).
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
APPLICATION CIRCUIT
CSO & CTB
S-parameters
Frequency (MHz)
50
500
860
Noise Figure (dB)
1.8
1.7
1.8
Magnitude S21 (dB)
17.2
16.4
15.9
Magnitude S11 (dB)
-20
-20
-18
Magnitude S22 (dB)
-18
-20
-17
Output P1dB (dBm)
21.0
21.0
19.5
Output IP31) (dBm)
41
41
37
Output IP21),2) (dBm)
54
56
50
CSO3) (dBc)
66
CTB3) (dBc)
76
Device Voltage (V)
+5
Current (mA)
105
0
100
200
300
400
500
600
700
800
900
1000
30
40
50
60
70
80
90
Frequency (MHz)
0
100
200
300
400
500
600
700
800
900
1000
40
50
60
70
80
90
100
Frequency (MHz)
0
100
200
300
400
500
600
700
800
900
1000 1100
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
S21
S12
S22
S11
Frequency [MHz]
Min. VSWR
CATV
50 ~ 1000 MHz
+5 V
C1=470 pF
C2=4.7 nF
Vs=5 V
RF IN
RF OUT
C5=1
F
ASL330
C4=0.3 pF
L3=390 nH
(Coil Inductor)
L2=8.6 nH
L1=330 nH
(Coil Inductor)
C3=0.75 pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com