Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL360 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ASL360
Description  Wideband Linear Amplifier MMIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL360 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ASL360 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL360 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL360 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL360 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL360 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL360 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL360 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL360 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL360 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
September 2017
ASL360
Wideband Linear Amplifier MMIC
1) OIP3 and OIP2 are measured with two tones at an output power of +5 dBm/tone
separated by 6 MHz.
2) OIP2 is measured at F1+F2 Frequency.
3) 60 channels, +33 dBmV per channel (measured at output).
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
APPLICATION CIRCUIT
Frequency (MHz)
50
500
860
Noise Figure (dB)
1.5
1.6
1.7
Magnitude S21 (dB)
17.3
17.3
17.2
Magnitude S11 (dB)
-17
-15
-15
Magnitude S22 (dB)
-17
-17
-15
Output P1dB (dBm)
21
21
17
Output IP31) (dBm)
41.5
40.0
34.0
Output IP21),2) (dBm)
53
53
62
CSO3) (dBc)
60
CTB3) (dBc)
75
Device Voltage (V)
+5
Current (mA)
110
S-parameters
CATV
50 ~ 1000 MHz
+5 V
Note: Gain slope can be adjusted by
L5 and R1 values at the ex-
pense of S11 & S22.
0
100
200
300
400
500
600
700
800
900
1000
0
5
10
15
20
25
Frequency (MHz)
-40
oc
25
oc
85
oc
0
100
200
300
400
500
600
700
800
900
1000
-25
-20
-15
-10
-5
0
Frequency (MHz)
-40
oc
25
oc
85
oc
0
100
200
300
400
500
600
700
800
900
1000
-25
-20
-15
-10
-5
0
Frequency (MHz)
-40
oc
25
oc
85
oc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com