Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRE4100 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # VRE4100
Description  Low Cost, SOIC-8 Precision References
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VRE4100 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  VRE4100 Datasheet HTML 1Page - List of Unclassifed Manufacturers VRE4100 Datasheet HTML 2Page - List of Unclassifed Manufacturers VRE4100 Datasheet HTML 3Page - List of Unclassifed Manufacturers VRE4100 Datasheet HTML 4Page - List of Unclassifed Manufacturers VRE4100 Datasheet HTML 5Page - List of Unclassifed Manufacturers VRE4100 Datasheet HTML 6Page - List of Unclassifed Manufacturers VRE4100 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
160
235
I
L = 8 mA
0.5
1.0
VRE4100B
± 0.025% ± 0.050%
VRE4100B
ppm/V
20
200
V
ref + 200mV
V
IN
5.5V
V
OUT/ VIN
Line Regulation (Note 6)
V
0.4
V
L
Logic Low Input Voltage
V
0.8
V
H
Logic High Input Voltage
nA
2
I
H
Logic High Input Current
nA
1
I
L
Logic Low Input Current
ppm
50
1000 Hours
V
OUT/T
Long Term Stability
µVp-p
2.2
0.1Hz<f<10Hz
E
n
Output Noise Voltage
(Note 4)
µs
2
To 0.01% of final value
T
ON
Turn-On Settling Time
mV
V
IN -VOUT
Dropout Voltage (Note 3)
1.5
3.0
VRE4100K
1.0
2.0
VRE4100C
± 0.040% ± 0.080%
VRE4100C/K
%
V
OUT
Output Voltage Error
(Note 1)
ppm/mA
1
20
1mA
I
Load
8mA
V
OUT/
I
OUT
Load Regulation (Note 6)
µA
230
320
V
load = 0mA
I
IN
Supply Current
ppm
20
Note 5
Temperature Hysterisis
ppm/°C
TCV
OUT
Output Voltage
Temperature Coefficient
(Note 2)
V
1.8
5.5
V
IN
UNITS
MIN
TYP
MAX
SYMBOL
CONDITIONS
Input Voltage
PARAMETER
ELECTRICAL SPECIFICATIONS
Vps =+3V for VRE4110 and VRE4112, Vps =+5V for VRE4125, VRE4125 and VRE4141. T = 25°C, I
load=1mA, Cout=1µF unless otherwise noted.
Notes:
1.
High temperature and mechanical stress can effect the initial accuracy of the VRE4100 series
references.See discussion on output accuracy.
2.
The temperature coefficient is determined by the box method. See discussion on temperature
performance. All units are 100% tested over temperature.
3.
The minimum input to output differential voltage at which the output voltage drops by 0.5% from nominal.
4.
Based on 1.024V output. Noise is linearly proportional to V
REF.
5.
Defined as change in 25°C output voltage after cycling device over operating temperature range.
6.
Line and load regulation are measured with pulses and do not include output voltage changes due to self
heating.
VRE4100DS REV. A MAY 01
ABSOLUTE MAXIMUM RATINGS
Power supply to any input pin ….…-0.3V to +5.6V
Output Short Circuit Duration …….…………....Indefinite
Operating Temp. (B,C) …………..……0°C to 70°C
ESD Susceptibility Human Body Model…….…..…..2kV
Operating Temp. (K)………………...-40°C to 85°C
ESD Susceptibility Machine Model ..………………200V
Storage Temperature Range……..-65°C to 150°C
Lead Temperature (soldering,10 sec)………...….260°C
www.thaler.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com