Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCP35N03J Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SCP35N03J
Description  35A, 30V, RDS(ON) 7m(ohm) N-Channel Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCP35N03J Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SCP35N03J Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCP35N03J Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SCP35N03J Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
SCP35N03J
35A, 30V, RDS(ON) 7mΩ
Ω
Ω
Ω
N-Channel Enhancement Mode Power MOSFET
02-Jun-2017 Rev. D
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Off Characteristics
Drain-Source Breakdown Voltage
V(BR)DSS
30
-
-
V
VGS=0, ID=250µA
Zero Gate Voltage Drain Current
IDSS
-
-
1
µA
VDS=30V, VGS=0
Gate-Body Leakage Current
IGSS
-
-
±100
nA
VDS=0V, VGS= ±20V
On Characteristics
1
Gate-Threshold Voltage
VGS(th)
1
1.6
3
V
VDS=VGS, ID=250µA
-
5.5
7
VGS=10V, ID=12A
Static Drain-Source On-Resistance
RDS(ON)
-
8.2
9.5
m
VGS=4.5V, ID=10A
Forward Transconductance
gfs
30
-
-
S
VDS=10V, ID=12A
Dynamic Characteristics
Input Capacitance
Ciss
-
1265
-
Output Capacitance
Coss
-
600
-
Reverse Transfer Capacitance
Crss
-
130
-
pF
VDS=15V
VGS=0
f=1MHz
Switching Characteristics
Total Gate Charge
Qg
-
19
-
Gate-Source Charge
Qgs
-
2.7
-
Gate-Drain Charge
Qgd
-
2.5
-
nC
VDS=15V
VGS=10V
ID=12A
Turn-on Delay Time
Td(on)
-
18
-
Rise Time
Tr
-
10
-
Turn-off Delay Time
Td(off)
-
34
-
Fall Time
Tf
-
10
-
nS
VDD=15V
VGS=10V
RG=6
ID=12A
Drain-Source Diode Characteristics
Diode Forward Voltage
1
VSD
-
0.85
1.2
V
VGS=0, IS=12A
Continuous Drain-Source Diode
Forward Current
2
IS
-
-
35
A
Pulsed Drain-Source Diode
Forward Current
ISM
-
-
120
A
Notes:
1.
Pulse test : Pulse width≦300µs, duty cycle≦2%.
2.
The surface of the device is mounted on a FR4 board, t≦10 sec.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com