Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD07C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SD07C
Description  85W, 7V ESD Protection (Bi-Directional)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SD07C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SD07C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SD07C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SD07C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
SD07C
85W, 7V
ESD Protection (Bi-Directional)
15-Aug-2016 Rev. A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead-free
DESCRIPTION
The device is designed to protect voltage sensitive
electronic components from ESD and other transients. Its
excellent clamping capability, low leakage, low capacitance,
and fast response time provide the best class protection on
the designs exposed to ESD.
The device combines small size, low capacitance, and
high level ESD protection and thus it becomes a flexible
solution for the applications such as HDMI, Display Port TM,
and MDDI interfaces. It is designed to replace multiplayer
varistors (MLV) in the applications of the consumers’ equipments
such as mobile phone, notebook, PAD, STB, LCD TV etc.
FEATURES
Low reverse clamping voltage
Low leakage current
IEC 61000−4−2 level 4 ESD protection
APPLICATIONS
Computers and peripherals
Portable electronics
Power lines
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-323
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Rating
Symbol
Value
Unit
Air Model
±25
ESD Voltage(IEC61000−4−2)
1
Contact Model
±25
ESD Voltage(JESD22-A114-B)@ per human body model
1
±16
ESD Voltage@ machine model
1
VESD
±0.4
kV
Peak Pulse Power@ tp=8/20µs pulse waveform
PPK
85
W
Peak Pulse Current@ tp=8/20µs pulse waveform
IPP
5
A
Maximum Lead Solder Temperature@ 10 second duration
TL
260
°C
Junction and Storage Temperature Range
TJ, TSTG
150, -55~150
°C
Notes:
1.
The device is stressed with ten non-repetitive ESD pulses.
Z
Bi-direction
SOD-323
Cathode Band
G
E
A
J
F
D
H
C
B
1
2
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.05 REF.
F
1.15
1.45
B
0.20 REF.
G
1.6
1.8
C
0.80
1.00
H
2.55
2.75
D
0.25
0.40
J
0.475 REF
E
0.080
0.180


Similar Part No. - SD07C

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SD07 LEIDITECH-SD07 Datasheet
1Mb / 4P
1-Line Ui-directional TVS Diode
Rev : 01.06.2021
SD0701P4-3 LEIDITECH-SD0701P4-3 Datasheet
1Mb / 4P
1-Line High Power TVS Diode
logo
SMC Diode Solutions Co....
SD072SC150A SMCDIODE-SD072SC150A Datasheet
103Kb / 2P
SILICON SCHOTTKY RECTIFIER DIE
logo
Advanced Photonix, Inc.
SD076-11-31-211 ADVANCEDPHOTONIX-SD076-11-31-211 Datasheet
96Kb / 1P
Red Enhanced Ultra Low Capacitance Silicon Photodiode
logo
Luna Innovations Incorp...
SD076-11-31-211 LUNA-SD076-11-31-211 Datasheet
189Kb / 2P
Red Enhanced Ultra Low Capacitance Silicon Photodiode
More results

Similar Description - SD07C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD05CTM PANJIT-PJSD05CTM Datasheet
119Kb / 3P
BI-DIRECTIONAL ESD PROTECTION DIODE
logo
Taiwan Semiconductor Co...
TESDC5V0 TSC-TESDC5V0 Datasheet
258Kb / 3P
Bi-directional ESD Protection Diode
TESDC24V TSC-TESDC24V Datasheet
190Kb / 3P
Bi-directional ESD Protection Diode
TESDU5V0 TSC-TESDU5V0_11 Datasheet
227Kb / 4P
Bi-directional ESD Protection Diode
TESDQ5V0 TSC-TESDQ5V0_11 Datasheet
183Kb / 3P
Bi-directional ESD Protection Diode
logo
Pan Jit International I...
PJSD12LCFN2 PANJIT-PJSD12LCFN2 Datasheet
268Kb / 5P
BI-DIRECTIONAL ESD PROTECTION DIODE
logo
Taiwan Semiconductor Co...
TESDD5V0 TSC-TESDD5V0_15 Datasheet
193Kb / 4P
Bi-directional ESD Protection Diode
TESDE5V0 TSC-TESDE5V0_15 Datasheet
196Kb / 5P
Bi-directional ESD Protection Diode
TESDQ5V0 TSC-TESDQ5V0_14 Datasheet
190Kb / 4P
Bi-directional ESD Protection Diode
logo
SeCoS Halbleitertechnol...
SD24C SECOS-SD24C Datasheet
328Kb / 3P
ESD Protection (Bi-Directional)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com