Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDT2P02 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SDT2P02
Description  -2.2A, -20V, RDS(ON) 200 m(ohm) Dual-P Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SDT2P02 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SDT2P02 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SDT2P02 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SDT2P02 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SDT2P02 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SDT2P02
-2.2A, -20V, RDS(ON) 200 mΩ
Ω
Ω
Ω
Dual-P Enhancement Mode MOSFET
12-Aug-2017 Rev. D
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
J=25°C unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Drain-Source Breakdown Voltage
BVDSS
-20
-
-
V
VGS=0, ID= -250µA
Gate-Threshold Voltage
VGS(th)
-0.5
-
-1
V
VDS=VGS, ID= -250µA
Forward Transconductance
gFS
-
3.4
-
S
VDS= -5V, ID= -2A
Gate-Body Leakage Current
IGSS
-
-
±100
nA
VDS=0, VGS= ±8V
-
-
-1
VDS= -16V, VGS=0, TJ=25°C
Zero Gate Voltage Drain Current
IDSS
-
-
-10
µA
VDS= -16V, VGS=0, TJ=55°C
-
170
200
VGS= -4.5V, ID= -2A
Drain-Source On-Resistance
3
RDS(ON)
-
240
280
m
VGS= -2.5V, ID= -1.5A
Total Gate Charge
3
Qg
-
4.6
-
Gate-Source Charge
Qgs
-
0.27
-
Gate-Drain Charge
Qgd
-
2.34
-
nC
VDS= -20V
VGS= -4.5V
ID= -2A
Turn-On Delay Time
3
Td(ON)
-
11.6
-
Rise Time
Tr
-
6.2
-
Turn-Off Delay Time
Td(OFF)
-
31.8
-
Fall Time
Tf
-
2.8
-
nS
VDD= -12V
VGS= -4.5V
RG=3.3
ID= -1A
Input Capacitance
Ciss
-
194
-
Output Capacitance
Coss
-
35.5
-
Reverse Transfer Capacitance
Crss
-
28.2
-
pF
VDS= -15V
VGS=0
f=1MHz
Source-Drain Diode Characteristics
Diode Forward Voltage
3
VSD
-
-0.85
-1.3
V
IS= -0.9A, VGS=0
Continuous Source Current
1
IS
-
-
-2.2
mA
Pulsed Source Current
3
ISM
-
-
-8.8
mA
VG=VD=0V, Force Current
Notes:
1.
The surface of the device is mounted on a 1” x 1” FR4 board with 2OZ copper.
2.
Pulse width is limited by the maximum junction temperature.
3.
Pulse test: Pulse width≦300µs, duty cycle≦2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com