Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFS17A Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SFS17A
Description  Voltage 5 V ~ 54V 200W Peak Power TVS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SFS17A Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SFS17A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SFS17A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SFS17A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
SFS5.0A~SFS54A
Voltage 5 V ~ 54V
200W Peak Power TVS
20-Mar-2013 Rev. A
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS(Rating TA=25°C unless otherwise specified)
Breakdown
Voltage
VBR @ IT
Reverse
Stand Off
Voltage
VR
Min
Max
Test
Current
Maximum
Reverse
Leakage
IR @VRWM
Peak Pause
Current
IPP
Maximum
Clamping
Voltage
VC @IPP
PART
NUMBER
Marking
V
V
V
mA
µ
A
A
V
SFS5.0A
AE
5
6.4
7
10
400
21.7
9.2
SFS6.0A
AG
6
6.67
7.37
10
400
19.4
10.3
SFS6.5A
AK
6.5
7.22
7.98
10
250
17.9
11.2
SFS7.0A
AM
7
7.78
8.6
10
100
16.7
12
SFS7.5A
AP
7.5
8.33
9.21
1
50
15.5
12.9
SFS8.0A
AR
8
8.89
9.83
1
25
14.7
13.6
SFS8.5A
AT
8.5
9.44
10.4
1
10
13.9
14.4
SFS9.0A
AV
9
10
11.1
1
5
13
15.4
SFS10A
AX
10
11.1
12.3
1
2.5
11.8
17
SFS11A
AZ
11
12.2
13.5
1
2.5
11
18.2
SFS12A
BE
12
13.3
14.7
1
2.5
10.1
19.9
SFS13A
BG
13
14.4
15.9
1
1
9.3
21.5
SFS14A
BK
14
15.6
17.2
1
1
8.6
23.2
SFS15A
BM
15
16.7
18.5
1
1
8.2
24.4
SFS16A
BP
16
17.8
19.7
1
1
7.7
26
SFS17A
BR
17
18.9
20.9
1
1
7.2
27.6
SFS18A
BT
18
20
22.1
1
1
6.8
29.2
SFS20A
BV
20
22.2
24.5
1
1
6.2
32.4
SFS22A
BX
22
24.4
26.9
1
1
5.6
35.5
SFS24A
BZ
24
26.7
29.5
1
1
5.1
38.9
SFS26A
CE
26
28.9
31.9
1
1
4.8
42.1
SFS28A
CG
28
31.1
34.4
1
1
4.4
45.4
SFS30A
CK
30
33.3
36.8
1
1
4.1
48.4
SFS33A
CM
33
36.7
40.6
1
1
3.8
53.3
SFS36A
CP
36
40
44.2
1
1
3.4
58.1
SFS40A
CR
40
44.4
49.1
1
1
3.1
64.5
SFS43A
CT
43
47.8
52.8
1
1
2.9
69.4
SFS45A
CV
45
50
55.3
1
1
2.8
72.7
SFS48A
CX
48
53.3
58.9
1
1
2.6
77.4
SFS51A
CZ
51
56.7
62.7
1
1
2.4
82.4
SFS54A
DE
54
60
66.3
1
1
2.3
87.1
Notes:
1.
VBR measured after IT applied for 300µs, IT = sequare wave pulse or equivalent.
2.
.Surge current waveform per 10 × 1000µs exponential wave and de-rated per Fig.2.
3.
All terms and symbols are consistent with ANSI/IEEE C62.35.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com